Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2295-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2295-HF
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2295-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2295-HF_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2295-HF_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC2295-HF_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
High transition frequency fT.
Complementary to 2SA1022-HF
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
30
Collector - Emitter Voltage
VCEO
20
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
30
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
30
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
20
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 30 V , IE= 0
100
Emitter cut-off current
IEBO
VEB= 5V , IC=0
100
Collector-emitter saturation voltage
VCE(sat) IC=-10 mA, IB=1mA
0.2
Base - emitter saturation voltage
VBE(sat) IC=-10 mA, IB=1mA
1.2
DC current gain
hFE
VCE= -10V, IC= -1mA
70
220
Noise figure
NF
VCB = 10V, IE = –1mA, f= 5MHz
2.8
4
dB
Reverse transfer impedance
Zrd
VCB = 10V, IE = –1mA, f= 2MHz
22
50
Ω
Common emitter reverse transfer capacitance
Cre
VCE= 10V, IC= 1mA,f=10.7MHz
1.5
pF
Transition frequency
fT
VCB= 10V, IE= -1mA,f=200MHz
150
250
MHz
V
nA
V
Classification of hfe
Type
2SC2295-B-HF 2SC2295-C-HF
Range
70-140
110-220
Marking
VB F
VC F
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
NPN Transistors
2SC2295-HF


Similar Part No. - 2SC2295-HF_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2295-B KEXIN-2SC2295-B Datasheet
1Mb / 3P
NPN Transistors
2SC2295-C KEXIN-2SC2295-C Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC2295-HF_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com