Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 3 Page - Analog Devices

  AD7707_15 Datasheet HTML 1Page - Analog Devices AD7707_15 Datasheet HTML 2Page - Analog Devices AD7707_15 Datasheet HTML 3Page - Analog Devices AD7707_15 Datasheet HTML 4Page - Analog Devices AD7707_15 Datasheet HTML 5Page - Analog Devices AD7707_15 Datasheet HTML 6Page - Analog Devices AD7707_15 Datasheet HTML 7Page - Analog Devices AD7707_15 Datasheet HTML 8Page - Analog Devices AD7707_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
AD7707
Rev. B | Page 3 of 52
REVISION HISTORY
1/10—Rev. A to Rev B
Updated Format.................................................................. Universal
Changes to Features Section ............................................................1
Changes to Table 1 ......................................................................................4
Changes to Table 5 ............................................................................9
Changes to Output Noise For Low Level Input Channels
(3 V Operation) Section .................................................................14
Changes to Output Noise For High Level Input Channel AIN3
(5 V Operation) Section .................................................................15
Changed Output Noise For High Level Input Channel AIN3
(5 V Operation) Section Heading to Output Noise For High
Level Input Channel AIN3 (3 V Operation) ...............................17
Changes to Table 16 ........................................................................19
Changes to Zero-Scale Calibration Register (RS2, RS1, RS0 =
1, 1, 0); Power-On/Reset Status: 0x1F4000 Section ....................22
Changes to Calibration Sequences Section..................................23
Changes to Circuit Description Section.......................................24
Deleted Evaluating the AD7707 Performance Section ..............27
Changes to Digital Filtering Section and
Filter Characteristics Section.........................................................28
Deleted AD7707 to ADSP-2103/ADSP-2105 Interface
Section ..............................................................................................31
Deleted Figure 23; Renumbered Sequentially .............................31
Moved Figure 18..............................................................................33
Changes to Figure 19 and Supply Current Section.....................35
Change to Smart Valve/Actuator Control Section and
Figure 25...........................................................................................43
Changes to Figure 27 ......................................................................44
Added Titles to Table 28, Table 29, and Table 30........................46
Updated Outline Dimensions........................................................49
Changes to Ordering Guide...........................................................50
2/00—Rev. 0 to Rev. A


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com