Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 16Page - Analog Devices AD7707_15 Datasheet HTML 17Page - Analog Devices AD7707_15 Datasheet HTML 18Page - Analog Devices AD7707_15 Datasheet HTML 19Page - Analog Devices AD7707_15 Datasheet HTML 20Page - Analog Devices AD7707_15 Datasheet HTML 21Page - Analog Devices AD7707_15 Datasheet HTML 22Page - Analog Devices AD7707_15 Datasheet HTML 23Page - Analog Devices AD7707_15 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
AD7707
Rev. B | Page 20 of 52
Setup Register (RS2, RS1, RS0 = 0, 0, 1); Power-On/Reset Status: 0x01
The setup register is an eight-bit register from which data can either be read or to which data can be written. Table 18 outlines the bit
designations for the setup register.
Table 18. Setup Register
MD1 (0)
MD0 (0)
G2 (0)
G1 (0)
G0 (0)
B/U (0)
BUF (0)
FSYNC (1)
Table 19.
Bit
Description
MD1, MD0
Operating mode selection bits.
G2 to G0
Gain selection bits. These bits select the gain setting for the on-chip PGA, as outlined in Table 21.
B/U
Bipolar/unipolar operation. A 0 in this bit selects Bipolar operation. A 1 in this bit selects unipolar operation.
BUF
Buffer control. With this bit at 0, the on-chip buffer on the analog input is shorted out. With the buffer shorted out, the
current flowing in the AVDD line is reduced. When this bit is high, the on-chip buffer is in series with the analog input
allowing the input to handle higher source impedances.
FSYNC
Filter synchronization. When this bit is high, the nodes of the digital filter, the filter control logic, and the calibration
control logic are held in a reset state, and the analog modulator is held in its reset state. When this bit goes low, the
modulator and filter start to process data and a valid word is available in 3 × 1/(output update rate), that is, the settling
time of the filter. This FSYNC bit does not affect the digital interface and does not reset the DRDY output if it is low.
Table 20. Operating Modes
MD1
MD0
Operating Mode
0
0
Normal mode: this is the normal mode of operation of the device whereby the device is performing normal conversions.
0
1
Self-calibration: this activates self-calibration on the channel selected by CH1 and CH0 of the communications register.
This is a one-step calibration sequence and, when complete, the part returns to normal mode with MD1 and MD0
returning to 0, 0. The DRDY output or bit goes high when calibration is initiated and returns low when this self-
calibration is complete and a new valid word is available in the data register. The zero-scale calibration is performed at
the selected gain on internally shorted (zeroed) inputs and the full-scale calibration is performed at the selected gain on
an internally-generated VREF/selected gain.
1
0
Zero-scale (ZS) system calibration: this activates zero-scale system calibration on the channel selected by CH1 and CH0
of the communications register. Calibration is performed at the selected gain on the input voltage provided at the
analog input during this calibration sequence. This input voltage should remain stable for the duration of the
calibration. The DRDY output or bit goes high when calibration is initiated and returns low when this zero-scale
calibration is complete and a new valid word is available in the data register. At the end of the calibration, the part
returns to ormal
ode with MD1 and MD0 returning to 0, 0.
1
1
Full-scale (FS) system calibration: this activates full-scale system calibration on the selected input channel. Calibration is
performed at the selected gain on the input voltage provided at the analog input during this calibration sequence. This
input voltage should remain stable for the duration of the calibration. The DRDY output or bit goes high when
calibration is initiated and returns low when this full-scale calibration is complete and a new valid word is available in
the data register. At the end of the calibration, the part returns to normal mode with MD1 and MD0 returning to 0, 0.
Table 21. Gain Selection
G2
G1
G0
Gain Setting
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
16
1
0
1
32
1
1
0
64
1
1
1
128


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com