Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 14Page - Analog Devices AD7707_15 Datasheet HTML 15Page - Analog Devices AD7707_15 Datasheet HTML 16Page - Analog Devices AD7707_15 Datasheet HTML 17Page - Analog Devices AD7707_15 Datasheet HTML 18Page - Analog Devices AD7707_15 Datasheet HTML 19Page - Analog Devices AD7707_15 Datasheet HTML 20Page - Analog Devices AD7707_15 Datasheet HTML 21Page - Analog Devices AD7707_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
AD7707
Rev. B | Page 18 of 52
ON-CHIP REGISTERS
The AD7707 contains eight on-chip registers that can be
accessed via the serial port of the part. The first of these is a
communications register that controls the channel selection,
decides whether the next operation is a read or write operation
and selects which register the next read or write operation
accesses. All communications to the part must start with a write
operation to the communications register. After power-on or
RESET, the device expects a write to its communications register.
The data written to this register determines whether the next
operation to the part is a read or a write operation and
determines to which register this read or write operation occurs.
Therefore, write access to any of the other registers on the part
starts with a write operation to the communications register
followed by a write to the selected register. A read operation
from any other register on the part (including the communications
register itself and the data register) starts with a write operation
to the communications register followed by a read operation
from the selected register. The communications register also
controls the standby mode and channel selection and the DRDY
status is available by reading from the communications register.
The second register is a setup register that determines calibration
mode, gain setting, bipolar/unipolar operation, and buffered
mode. The third register is the clock register and contains the
filter selection bits and clock control bits. The fourth register is
the data register from which the output data from the part is
accessed. The final registers are the calibration registers, which
store channel calibration data. The registers are described in
more detail in the following sections.
COMMUNICATIONS REGISTER (RS2, RS1, RS0 = 0,
0, 0)
The communications register is an 8-bit register from which
data can either be read or to which data can be written. All
communications to the part must start with a write operation to
the communications register. The data written to the commu-
nications register determines whether the next operation is a
read or write operation and to which register this operation
takes place. When the subsequent read or write operation to the
selected register is complete, the interface returns to where it
expects a write operation to the communications register. This
is the default state of the interface, and on power-up or after a
RESET, the AD7707 is in this default state waiting for a write
operation to the communications register. In situations where
the interface sequence is lost, if a write operation of sufficient
duration (containing at least 32 serial clock cycles) takes place
with DIN high, the AD7707 returns to this default state.
outlines the bit designations for the communications register.
Table 14
Table 14. Communications Register
0/DRDY (0)
RS2 (0)
RS1 (0)
RS0 (0)
R/W (0)
STBY (0)
CH1 (0)
CH0 (0)
Table 15. Communications Register Bit Descriptions
Bit
Description
0/DRDY
For a write operation, a 0 must be written to this bit so that the write operation to the communications register actually takes place. If a
1 is written to this bit, the part does not clock on to subsequent bits in the register. The serial interface stays at this bit location
until a 0 is written to this bit. Once a 0 is written to this bit, the next seven bits are loaded to the communications register. For a read
operation, this bit provides the status of the DRDY flag from the part. The status of this bit is the same as the DRDY output pin.
RS2 to
RS0
Register selection bits. These three bits select to which one of eight on-chip registers the next read or write operation takes
place, as shown in Table 16, along with the register size. When the read or write operation to the selected register is complete,
the part waits for a write operation to the communications register. It does not remain in a state where it continues to access the
register.
R/W
Read/Write select. This bit selects whether the next operation is a read or write operation to the selected register. A 0 indicates a
write cycle for the next operation to the appropriate register, while a 1 indicates a read operation from the appropriate register.
STBY
Standby. Writing a 1 to this bit puts the part into its standby or power-down mode. In this mode, the part consumes only
8 μA of power supply current. The part retains its calibration coefficients and control word information when in standby. Writing
a 0 to this bit places the part in its normal operating mode. The serial interface on the AD7707 remains operational when the
part is in standby mode.
CH1,
CH0
Channel select. These two bits select a channel for conversion or for access to the calibration coefficients as outlined in Table 17.
Three pairs of calibration registers on the part are used to store the calibration coefficients following a calibration on a channel. They are
shown in Table 17 for the AD7707 to indicate which channel combinations have independent calibration coefficients. With CH1
at Logic 1 and CH0 at a Logic 0, the part looks at the LOCOM input internally shorted to itself. This can be used as a test method
to evaluate the noise performance of the part with no external noise sources. In this mode, the LOCOM input should be
connected to an external voltage within the allowable common-mode range for the part.


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com