Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 13Page - Analog Devices AD7707_15 Datasheet HTML 14Page - Analog Devices AD7707_15 Datasheet HTML 15Page - Analog Devices AD7707_15 Datasheet HTML 16Page - Analog Devices AD7707_15 Datasheet HTML 17Page - Analog Devices AD7707_15 Datasheet HTML 18Page - Analog Devices AD7707_15 Datasheet HTML 19Page - Analog Devices AD7707_15 Datasheet HTML 20Page - Analog Devices AD7707_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
AD7707
Rev. B | Page 17 of 52
OUTPUT NOISE FOR HIGH LEVEL INPUT CHANNEL
AIN3 (3 V OPERATION)
Table 13 shows the AD7707 output rms noise and peak-to-peak
resolution for the selectable notch and −3 dB frequencies for the
part, as selected by FS0, FS1, and FS2 of the clock register. The
numbers given are for the ±5 V, 0 V to 5 V and 0 V to 10 V
ranges with a VREF of 1.225 V, VBIAS = 1.225 V, HICOM =
AGND, and AVDD = 3 V. These numbers are typical and are
generated at an analog input voltage of 0 V for unbuffered mode
of operation. The ±5 V, 0 V to 5 V, and 0 V to 10 V operating
ranges are only achievable in unbuffered mode when operating
at 3 V due to common-mode limitations on the input amplifier.
It is important to note that these numbers represent the
resolution for which there are no code flicker. They are not
calculated based on rms noise but on peak-to-peak noise.
Operating at a gain of 1 in unipolar mode provides a range of
0 V to +10 V. Operating the high level channel with a gain of 2
in bipolar mode provides a ±5 V operating range. Operating at
a gain of 2 in unipolar mode provides an operating range of 0 V
to 5 V. The output noise comes from two sources. The first is
the electrical noise in the semiconductor devices (device noise)
used in the implementation of the modulator. Secondly, when
the analog input is converted into the digital domain, quantiza-
tion noise is added. The device noise is at a low level and is
independent of frequency. The quantization noise starts at an
even lower level but rises rapidly with increasing frequency to
become the dominant noise source. The numbers in Table 13
are given for the bipolar input ranges. For the unipolar ranges,
the rms noise numbers are the same as the bipolar range, but
the peak-to-peak resolution is now based on half the signal
range, which effectively means losing 1 bit of resolution.
Table 13. Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +3 V AIN3 Unbuffered Mode Only
Filter First Notch
and Output
Data Rate
−3 dB
Frequency
0 V to 10 V Range
±5 V Range
0 to 5 V Range
RMS Noise
P-P (Bits)
RMS Noise
P-P (Bits)
RMS Noise
P-P (Bits)
(μV)
Resolution
(μV)
Resolution
(μV)
Resolution
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
12.4
16
7.02
16
7.02
16
50 Hz
13.1 Hz
30.35
16
16.4
16
16.4
15.5
60 Hz
15.72 Hz
34.55
16
19.13
16
19.13
15
250 Hz
65.5 Hz
498
12.5
204
13
204
12
500 Hz
131 Hz
2266
10.5
1151
10.5
1151
9.5
MCLK IN = 1 MHz
4.05 Hz
1.06 Hz
13.9
16
7.3
16
7.3
16
20 Hz
5.24 Hz
32.2
16
17.4
16
17.4
15
25 Hz
6.55 Hz
33.4
16
18.57
16
18.57
15
100 Hz
26.2 Hz
430
13
200
13
200
12
200 Hz
52.4 Hz
2207
10.5
1048
10.5
1048
9.5


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com