Electronic Components Datasheet Search |
|
AD7707 Datasheet(PDF) 10 Page - Analog Devices |
|
AD7707 Datasheet(HTML) 10 Page - Analog Devices |
10 / 52 page AD7707 Rev. B | Page 10 of 52 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SCLK 1 MCLK IN 2 MCLK OUT 3 CS 4 DGND 20 DVDD 19 DIN 18 DOUT 17 RESET 5 DRDY 16 AVDD 6 AGND 15 AIN1 7 REF IN(–) 14 LOCOM 8 REF IN(+) 13 AIN2 9 VBIAS 12 AIN3 10 HICOM 11 AD7707 TOP VIEW (Not to Scale) Figure 3. Pin Configuration Table 6. Pin Function Descriptions Pin No. Mnemonic Description 1 SCLK Serial Clock, Schmitt-Triggered Logic Input. An external serial clock is applied to this input to access serial data from the AD7707. This serial clock can be a continuous clock with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous clock with the information being transmitted to the AD7707 in smaller batches of data. 2 MCLK IN Master Clock Signal for the Device. This can be provided in the form of a crystal/resonator or external clock. A crystal/resonator can be tied across the MCLK IN and MCLK OUT pins. Alternatively, the MCLK IN pin can be driven with a CMOS-compatible clock and MCLK OUT left unconnected. The part can be operated with clock frequencies in the range of 500 kHz to 5 MHz. 3 MCLK OUT When the master clock for the device is a crystal/resonator, the crystal/resonator is connected between MCLK IN and MCLK OUT. If an external clock is applied to MCLK IN, MCLK OUT provides an inverted clock signal. This clock can be used to provide a clock source for external circuitry and is capable of driving one CMOS load. If the user does not require it, this MCLK OUT can be turned off via the CLKDIS bit of the clock register. This ensures that the part is not wasting unnecessary power driving capacitive loads on MCLK OUT. 4 CS Chip Select. This pin is an active low logic input used to select the AD7707. With this input hard-wired low, the AD7707 can operate in its 3-wire interface mode with SCLK, DIN, and DOUT used to interface to the device. CS can be used to select the device in systems with more than one device on the serial bus or as a frame synchronization signal in communicating with the AD7707. 5 RESET Logic Input. Active low input that resets the control logic, interface logic, calibration coefficients, digital filter, and analog modulator of the part to power-on status. 6 AVDD Analog Supply Voltage, 2.7 V to 5.25 V Operation. 7 AIN1 Low Level Analog Input Channel 1. This is used as a pseudo differential input with respect to LOCOM. 8 LOCOM Common Input for Low Level Input Channels. Analog inputs on AIN1 and AIN2 must be referenced to this input. 9 AIN2 Low Level Analog Input Channel 2. This is used as a pseudo differential input with respect to LOCOM. 10 AIN3 Single-Ended High Level Analog Input Channel with respect to HICOM. 11 HICOM Common Input for igh evel nput hannel. Analog input on AIN3 must be referenced to this input. 12 VBIAS VBIAS is used to level shift the high level input channel signal. This signal is used to ensure that the AIN(+) and AIN(−) signals seen by the internal modulator are within its common-mode range. VBIAS is normally connected to 2.5 V when AVDD = 5 V and 1.225 V when AVDD = 3 V. 13 REF IN(+) Reference Input. Positive input of the differential reference input to the AD7707. The reference input is differential with the provision that REF IN(+) must be greater than REF IN(−). REF IN(+) can lie anywhere between AVDD and AGND. 14 REF IN(−) Reference Input. Negative input of the differential reference input to the AD7707. The REF IN(−) can lie anywhere between AVDD and AGND provided that REF IN(+) is greater than REF IN(−). 15 AGND Analog Ground. Ground reference point for the AD7707’s internal analog circuitry. 16 DRDY Logic Output. A logic low on this output indicates that a new output word is available from the AD7707 data register. The DRDY pin returns high upon completion of a read operation of a full output word. If no data read has taken place between output updates, the DRDY line returns high for 500 × tCLK IN cycles prior to the next output update. While DRDY is high, a read operation should neither be attempted nor in progress to avoid reading from the data register as it is being updated. The DRDY line returns low again when the update has taken place. DRDY is also used to indicate when the AD7707 has completed its on-chip calibration sequence. 17 DOUT Serial Data Output with Serial Data Being Read from the Output Shift Register on the Part. This output shift register can contain information from the setup register, communications register, clock register, or data register, depending on the register selection bits of the communications register. |
Similar Part No. - AD7707_15 |
|
Similar Description - AD7707_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |