Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 1 Page - Analog Devices

  AD7707_15 Datasheet HTML 1Page - Analog Devices AD7707_15 Datasheet HTML 2Page - Analog Devices AD7707_15 Datasheet HTML 3Page - Analog Devices AD7707_15 Datasheet HTML 4Page - Analog Devices AD7707_15 Datasheet HTML 5Page - Analog Devices AD7707_15 Datasheet HTML 6Page - Analog Devices AD7707_15 Datasheet HTML 7Page - Analog Devices AD7707_15 Datasheet HTML 8Page - Analog Devices AD7707_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
3 V/5 V, ±10 V Input Range, 1 mW
3-Channel 16-Bit, Sigma-Delta ADC
AD7707
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Charge balancing ADC
16 bits, no missing codes
±0.003% nonlinearity
High level (±10 V) and low level (±10 mV) input channels
True bipolar ±100 mV capability on low level input
Channels without requiring charge pumps
Programmable gain front end
Gains from 1 to 128
3-wire serial interface
SPI, QSPI™, MICROWIRE™ and DSP compatible
Schmitt trigger input on SCLK
Ability to buffer the analog input
2.7 V to 3.3 V or 4.75 V to 5.25 V operation
Power dissipation 1 mW at 3 V
Standby current 8 μA maximum
20-lead SOIC and TSSOP packages
GENERAL DESCRIPTION
The AD7707 is a complete analog front end for low frequency
measurement applications. This 3-channel device can accept
either low level input signals directly from a transducer or high
level (±10 V) signals and produce a serial digital output. It employs
a Σ-Δ conversion technique to realize up to 16 bits of no missing
codes performance. The selected input signal is applied to a
proprietary programmable gain front end based around an analog
modulator. The modulator output is processed by an on-chip
digital filter. The first notch of this digital filter can be pro-
grammed via an on-chip control register allowing adjustment
of the filter cutoff and output update rate.
The AD7707 operates from a single 2.7 V to 3.3 V or 4.75 V to
5.25 V supply. The AD7707 features two low level pseudo differen-
tial analog input channels, one high level input channel and a
differential reference input. Input signal ranges of 0 mV to 20 mV
through 0 V to 2.5 V can be accommodated on both low level input
channels when operating with a VDD of 5 V and a reference of
2.5 V. They can also handle bipolar input signal ranges of ±20 mV
through ±2.5 V, which are referenced to the LCOM input. The
AD7707, with a 3 V supply and a 1.225 V reference, can handle
unipolar input signal ranges of 0 mV to 10 mV through 0 V to
1.225 V. Its bipolar input signal ranges are ±10 mV through ±1.225 V.
The high level input channel can accept input signal ranges of ±10 V,
±5 V, 0 V to 10 V and 0 V to 5 V. The AD7707 thus performs all
signal conditioning and conversion for a 3-channel system.
The AD7707 is ideal for use in smart, microcontroller or DSP-
based systems. It features a serial interface that can be configured
FUNCTIONAL BLOCK DIAGRAM
DVDD
AVDD
REF IN(–)
REF IN(+)
AD7707
MUX
PGA
CHARGE
BALANCING
A/D CONVERTER
Σ-Δ
MODULATOR
DIGITAL FILTER
A = 1 ≈ 128
SERIAL INTERFACE
REGISTER BANK
CLOCK
GENERATION
MCLK IN
MCLK OUT
AGND
DGND
DRDY
RESET
DIN
DOUT
CS
SCLK
AIN1
AIN2
LOCOM
AIN3
VBIAS
HICOM
5kΩ
5kΩ
15kΩ
30kΩ
30kΩ
BUF
Figure 1.
for 3-wire operation. Gain settings, signal polarity and update
rate selection can be configured in software using the input
serial port. The part contains self-calibration and system calibra-
tion options to eliminate gain and offset errors on the part itself
or in the system.
CMOS construction ensures very low power dissipation, and the
power-down mode reduces the standby power consumption to
20 μW typical. This part is available in a 20-lead wide body (0.3
inch) small outline (SOIC) package and a low profile 20-lead TSSOP.
PRODUCT HIGHLIGHTS
1.
The AD7707 consumes less than 1 mW at 3 V supplies and
1 MHz master clock, making it ideal for use in low power
systems. Standby current is less than 8 μA.
2.
On-chip thin-film resistors allow ±10 V, ±5 V, 0 V to 10 V,
and 0 V to 5 V high level input signals to be directly accom-
modated on the analog inputs without requiring split supplies
or charge-pumps.
3.
The low level input channels allow the AD7707 to accept
input signals directly from a strain gage or transducer
removing a considerable amount of signal conditioning.
4.
The part features excellent static performance specifications
with 16 bits, no missing codes, ±0.003% accuracy, and low
rms noise. Endpoint errors and the effects of temperature
drift are eliminated by on-chip calibration options, which
remove zero-scale and full-scale errors.


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com