Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 3Page - Analog Devices AD7707_15 Datasheet HTML 4Page - Analog Devices AD7707_15 Datasheet HTML 5Page - Analog Devices AD7707_15 Datasheet HTML 6Page - Analog Devices AD7707_15 Datasheet HTML 7Page - Analog Devices AD7707_15 Datasheet HTML 8Page - Analog Devices AD7707_15 Datasheet HTML 9Page - Analog Devices AD7707_15 Datasheet HTML 10Page - Analog Devices AD7707_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD7707
Rev. B | Page 7 of 52
Parameter
B Version1
Unit
Conditions/Comments
Normal Mode Power Dissipation17
AVDD = DVDD = 3 V; digital inputs = 0 V or DVDD; external
MCLK IN excluding dissipation in the AIN3 attenuator
1.05
mW max
Typically 0.84 mW; BUF = 0; fCLKIN = 1 MHz, all gains
2.04
mW max
Typically 1.53 mW; BUF = 1; fCLK IN = 1 MHz; all gains
1.35
mW max
Typically 1.11 mW; BUF = 0; fCLK IN = 2.4576 MHz,
gain = 1 to 4
2.34
mW max
Typically 1.9 mW; BUF = 1; fCLK IN = 2.457 6 MHz;
gain = 1 to 4
Normal Mode Power Dissipation17
AVDD = DVDD = 5 V; digital inputs = 0 V or DVDD;
external MCLKIN
2.1
mW max
Typically 1.75 mW; BUF = 0; fCLKIN = 1 MHz; all gains
3.75
mW max
Typically 2.9 mW; BUF = 1; fCLKIN = 1 MHz; all gains
3.1
mW max
Typically 2.6 mW; BUF = 0; fCLK IN = 2.4576 MHz
4.75
mW max
Typically 3.75 mW; BUF = 1; fCLK IN = 2.4576 MHz
Standby (Power-Down) Current20
18
μA max
External MCLK IN = 0 V or DVDD; typically 9 μA;
AVDD = 5 V
8
μA max
External MCLK IN = 0 V or DVDD; typically 4 μA;
AVDD = 3 V
1 Temperature range as follows: B Version, −40°C to +85°C.
2 These numbers are established from characterization or design at initial product release.
3 A calibration is effectively a conversion so these errors are of the order of the conversion noise shown in Table 7 and Table 9 for the low level input channels AIN1 and
AIN2. This applies after calibration at the temperature of interest.
4 Recalibration at any temperature removes these drift errors.
5 Positive full-scale error includes zero-scale errors (unipolar offset error or bipolar zero error) and applies to both unipolar and bipolar input ranges.
6 Full-scale drift includes zero-scale drift (unipolar offset drift or bipolar zero drift) and applies to both unipolar and bipolar input ranges.
7 Gain error does not include zero-scale errors. It is calculated as full-scale error—unipolar offset error for unipolar ranges and full-scale error—bipolar zero error for
bipolar ranges.
8 Gain error drift does not include unipolar offset drift/bipolar zero drift. It is effectively the drift of the part if
zero-scale calibrations were performed.
9 Error is removed following a system calibration.
10 This common-mode voltage range is allowed provided that the input voltage on analog inputs does not go more positive than AVDD + 30 mV or go more negative
than AGND − 100 mV. Parts are functional with voltages down to AGND − 200 mV, but with increased leakage at high temperature.
11 The analog input voltage range on AIN(+) is given here with respect to the voltage on LCOM on the low level input channels (AIN1 and AIN2) and is given with
respect to the HCOM input on the high level input channel, AIN3. The absolute voltage on the low level analog inputs should not go more positive than AVDD +
100 mV, or go more negative than GND − 100 mV for specified performance. Input voltages of AGND − 200 mV can be accommodated, but with increased leakage at
high temperature.
12 VREF = REF IN(+) − REF IN(−).
13 These logic output levels apply to the MCLK OUT only when it is loaded with one CMOS load.
14 Sample tested at +25°C to ensure compliance.
15 After calibration, if the analog input exceeds positive full scale, the converter outputs all 1s. If the analog input is less than negative full scale, the device outputs all 0s.
16 These calibration and span limits apply provided that the absolute voltage on the analog inputs does not exceed AVDD + 30 mV or go more negative than AGND −
mV. The offset calibration limit applies to both the unipolar zero point and the bipolar zero point.
17 When using a crystal or ceramic resonator across the MCLK pins as the clock source for the device, the DVDD current and power dissipation varies depending on the
crystal or resonator type (see the Clocking and Oscillator Circuit section).
18 Measured at dc and applies in the selected pass band. PSRR at 50 Hz exceeds 120 dB with filter notches of 25 Hz or 50 Hz. PSRR at 60 Hz exceeds 120 dB with filter
notches of 20 Hz or 60 Hz.
19 PSRR depends on both gain and AVDD. See Table 2 and Table 3.
20 If the external master clock continues to run in standby mode, the standby current increases to 150 μA typical at 5 V and 75 μA typical at 3 V. When using a crystal or
ceramic resonator across the MCLK pins as the clock source for the device, the internal oscillator continues to run in standby mode and the power dissipation depends
on the crystal or resonator type (see the Standby Mode section).
Table 2. Low Level Input Channels, AIN1 and AIN2
Gain
1
2
4
8 to 128
AVDD = 3 V
86
78
85
93
AVDD = 5 V
90
78
84
91
Table 3. High Level Input Channel, AIN3
Gain
1
2
4
8 to 128
AVDD = 3 V
68
60
67
75
AVDD = 5 V
72
60
66
73


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com