Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 47 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 43Page - Analog Devices AD7707_15 Datasheet HTML 44Page - Analog Devices AD7707_15 Datasheet HTML 45Page - Analog Devices AD7707_15 Datasheet HTML 46Page - Analog Devices AD7707_15 Datasheet HTML 47Page - Analog Devices AD7707_15 Datasheet HTML 48Page - Analog Devices AD7707_15 Datasheet HTML 49Page - Analog Devices AD7707_15 Datasheet HTML 50Page - Analog Devices AD7707_15 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
AD7707
Rev. B | Page 47 of 52
OUTPUT NOISE FOR HIGH LEVEL INPUT CHANNEL, AIN3
5 V OPERATION
Specified high level input voltage ranges of ±10 V, ±5 V, 0 V to
+10 V, and 0 V to +5 V only utilize two gain different gain settings
(gains of 2 and 4) out of the eight possible settings available
within the PGA. Table 31 and Table 32 show what the high level
channel performance actually is over the complete range of gain
settings. Table 31 shows the AD7707 output rms noise and
peak-to-peak resolution for the selectable notch and −3 dB
frequencies for the part, as selected by FS0, FS1, and FS2 of the
clock register. The numbers are given for all input ranges with a
VREF of 2.5 V, HBIAS = 2.5 V, HICOM = AGND, and AVDD = 5 V.
These numbers are typical and are generated at an analog input
voltage of 0 V for buffered mode of operation. Table 32
meanwhile shows the rms and peak-to-peak resolution for
buffered mode of operation. It is important to note that these
numbers represent the resolution for which there is no code
flicker. They are not calculated based on rms noise but on peak-
to-peak noise. The output noise comes from two sources. The
first is the electrical noise in the semiconductor devices (device
noise) used in the implementation of the modulator. Secondly,
when the analog input is converted into the digital domain,
quantization noise is added. The device noise is at a low level
and is independent of frequency. The quantization noise starts
at an even lower level but rises rapidly with increasing frequency
to become the dominant noise source. The numbers in Table 31
and Table 32 are given for the bipolar input ranges. For the
unipolar ranges, the rms noise numbers are the same as the
bipolar range, but the peak-to-peak resolution is now based on half
the signal range, which effectively means losing one bit of
resolution.
Table 31. AIN3, Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +5 V Unbuffered Mode
Filter First
Notch and
Output Data
Rate
−3 dB
Frequency
Typical Output RMS Noise in μV (Peak-to-Peak Resolution)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
10.90 (16)
5.10 (16)
3.52 (16)
2.62 (16)
2.34 (16)
2.34 (16)
2.34 (15)
2.30 (14)
50 Hz
13.1 Hz
31.34 (16)
15.82 (16)
9.77 (16)
6.00 (16)
5.12 (16)
5.36 (15)
4.84 (14)
4.75 (13)
60 Hz
15.72 Hz
36.74 (16)
20.36 (16)
12.29 (16)
7.33 (16)
5.84 (16)
5.65 (15)
5.1 (14)
5.3 (13)
250 Hz
65.5 Hz
690 (13)
430 (13)
212 (13)
100 (13)
42 (13)
30 (13)
18.5 (12)
13.8 (12)
500 Hz
131 Hz
4679 (10)
2350 (10)
1287 (10)
564 (10)
294 (10)
137 (10)
73 (10)
53 (10)
Table 32. AIN3, Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +5 V Buffered Mode
Filter First
Notch and
Output Data
Rate
−3 dB
Frequency
Typical Output RMS Noise in μV (Peak-to-Peak Resolution)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
14.28 (16)
7.4 (16)
5.2 (16)
3.35 (16)
3.35 (16)
3.34 (15.5)
3.34 (15)
2.34 (14.5)
50 Hz
13.1 Hz
37.4 (16)
22.2 (16)
14.3 (16)
8.7 (16)
7.33 (15.5)
7.7 (14.5)
7.6 (13.5)
7.5 (12.5)
60 Hz
15.72 Hz
48.8 (16)
26.6 (16)
15.88 (16)
10.17 (16)
8.78 (15.5)
8.1 (14.5)
8.1 (13.5)
8.1 (12.5)
250 Hz
65.5 Hz
778 (12.5)
475 (13)
187 (13)
98 (13)
60 (12.5)
31.7 (12.5)
23 (12)
18.3 (11.5)
500 Hz
131 Hz
4716 (10.5)
2423 (10.5)
1097 (10.5)
551 (10.5)
288 (10.5)
150 (10)
81 (10)
49 (10)


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com