Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 43 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 39Page - Analog Devices AD7707_15 Datasheet HTML 40Page - Analog Devices AD7707_15 Datasheet HTML 41Page - Analog Devices AD7707_15 Datasheet HTML 42Page - Analog Devices AD7707_15 Datasheet HTML 43Page - Analog Devices AD7707_15 Datasheet HTML 44Page - Analog Devices AD7707_15 Datasheet HTML 45Page - Analog Devices AD7707_15 Datasheet HTML 46Page - Analog Devices AD7707_15 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
AD7707
Rev. B | Page 43 of 52
APPLICATIONS INFORMATION
The AD7707 provides a low cost, high resolution analog-to-
digital function with two low level input channels and one high
level input channel. Because the analog-to-digital function is
provided by a Σ-Δ architecture, it makes the part more immune
to noisy environments, thus making the part ideal for use in
industrial and process control applications. It also provides
a programmable gain amplifier, a digital filter and calibration
options. Thus, it provides far more system level functionality
than off-the-shelf integrating ADCs without the disadvantage
of having to supply a high quality integrating capacitor. In addition,
using the AD7707 in a system allows the system designer to achieve
a much higher level of resolution because noise performance of
the AD7707 is better than that of the integrating ADCs.
The on-chip PGA allows the AD7707 to handle an analog input
voltage ranges as low as 10 mV full scale with VREF = 1.25 V.
The pseudo differential input capability of the low level channel
allows this analog input range to have an absolute value anywhere
between AGND − 100 mV and AVDD + 30 mV when the part is
operated in unbuffered mode. It allows the user to connect the
transducer directly to the input of the AD7707.
In addition, the 3-wire digital interface on the AD7707 allows
data acquisition front ends to be isolated with just three wires.
The AD7707 can be operated from a single 3 V or 5 V, and its
low power operation ensures that very little power needs to be
brought across the isolation barrier in an isolated application.
DATA ACQUISITION
Figure 25 shows a data acquisition system in which the low level
input channel is used to digitize signals from a thermocouple
and the high level input channel converts process control signals
up to ±10 V in amplitude. This application shows the high level
input channel being used to convert a number of input signals
provided through an external mux controlled by the system
microcontroller. Switching channels on the external multiplexer
is equivalent to providing a step change on the AIN3 input. It takes
three or four updates before the correct output code correspond-
ing to the new analog input appears at the output. Therefore,
when switching between channels on the external mux, the first
three outputs should be ignored following the channel change,
or the FSYNC bit in the setup register should be used to reset
the digital filter, and ensure that the DRDY is set high until a
valid result is available in the output register.
SMART VALVE/ACTUATOR CONTROL
Another area where the low power, single supply and high
voltage input capability is of benefit is in smart valve and
actuator control circuits. The AD7707 monitors the signal from
the control valve. The controller and the AD7707 form a closed-
loop control circuit. Figure 26 shows a block diagram of a smart
actuator control circuit, which includes the AD7707. The AD7707
monitors the valve position via a high quality servo potentiometer
whose output is ±10 V.
Similar applications for the AD7707 include smart transmitters
(see Figure 27). Here, the entire smart transmitter must operate
from the 4 mA to 20 mA loop.
Tolerances in the loop mean that the amount of current availa-
ble to power the transmitter is as low as 3.5 mA. The AD7707
consumes only 280 μA, leaving at least 3 mA available for the
rest of the transmitter. Figure 27 shows a block diagram of a
smart transmitter, which includes the AD7707.
AD7707
DVDD
+5V
AIN2
REF IN(–)
AGND
MCLK IN
MCLK OUT
CS
REF IN(+)
8.2kΩ
CJC
AVDD
AD590
+5V
AIN1
LOCOM
2.5V
AIN3
VBIAS
HICOM
DGND
IN1
IN2
250Ω
OUT
IN3
IN4
IN5
250Ω
IN6
VSS
A0
A1
A2
SCLK
DIN
DOUT
+15V
–15V
0V TO 5V INPUT
4mA TO 20mA
0mA TO 20mA
MICRO-
CONTROLLER
SCLK
P0
DOUT
DIN
P1 P2 P3
VDD
THERMOCOUPLE
JUNCTION
±10V INPUT
0V TO 10V INPUT
±5V INPUT
ANALOG
MULTIPLEXER
Figure 25. Data Acquisition System Using the AD7707


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com