Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 40 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 36Page - Analog Devices AD7707_15 Datasheet HTML 37Page - Analog Devices AD7707_15 Datasheet HTML 38Page - Analog Devices AD7707_15 Datasheet HTML 39Page - Analog Devices AD7707_15 Datasheet HTML 40Page - Analog Devices AD7707_15 Datasheet HTML 41Page - Analog Devices AD7707_15 Datasheet HTML 42Page - Analog Devices AD7707_15 Datasheet HTML 43Page - Analog Devices AD7707_15 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
AD7707
Rev. B | Page 40 of 52
AD7707 TO 8XC51 INTERFACE
An interface circuit between the AD7707 and the 8XC51
microcontroller is shown in Figure 24. The diagram shows the
minimum number of interface connections with CS on the
AD7707 hard-wired low. In the case of the 8XC51 interface, the
minimum number of interconnects is just two. In this scheme,
the DRDY bit of the communications register is monitored to
determine when the data register is updated. The alternative
scheme, which increases the number of interface lines to three,
is to monitor the DRDY output line from the AD7707. The
monitoring of the DRDY line can be done in two ways. First,
DRDY can be connected to one of the 8XC51’s port bits (such as
P1.0), which is configured as an input. This port bit is then polled
to determine the status of DRDY. The second scheme is to use
an interrupt-driven system, in which case the DRDY output is
connected to the INT1 input of the 8XC51. For interfaces that
require control of the CS input on the AD7707, one of the port
bits of the 8XC51 (such as P1.1), which is configured as an output,
can be used to drive the CS input. The 8XC51 is configured in
its Mode 0 serial interface mode. Its serial interface contains a
single data line. As a result, the DATA OUT and DATA IN pins
of the AD7707 should be connected together with a 10 kΩ pull-
up resistor. The serial clock on the 8XC51 idles high between
data transfers. The 8XC51 outputs the LSB first in a write
operation; however, the AD7707 expects the MSB first so the
data to be transmitted must be rearranged before being written
to the output serial register. Similarly, the AD7707 outputs the MSB
first during a read operation; however, the 8XC51 expects the
LSB first. Therefore, the data read into the serial buffer must be
rearranged before the correct data word from the AD7707 is
available in the accumulator.
P3.0
P3.1
8XC51
RESET
SCLK
DOUT
DIN
CS
AD7707
VDD
VDD
Figure 24. AD7707-to-8XC51 Interface


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com