Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3189 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA3189
Description  FM IF System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3189 Datasheet(HTML) 4 Page - Intersil Corporation

  CA3189 Datasheet HTML 1Page - Intersil Corporation CA3189 Datasheet HTML 2Page - Intersil Corporation CA3189 Datasheet HTML 3Page - Intersil Corporation CA3189 Datasheet HTML 4Page - Intersil Corporation CA3189 Datasheet HTML 5Page - Intersil Corporation CA3189 Datasheet HTML 6Page - Intersil Corporation CA3189 Datasheet HTML 7Page - Intersil Corporation CA3189 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Block Diagram
NOTES:
10. All resistance values are in
Ω.
11. L Tunes with 100pF (C) at 10.7MHz. QO 75 (TOKO No. KACS K586HM or equivalent).
14
13
15
2
3
1
8
9
5
6
7
4
LEVEL
DETECTOR
12
LEVEL
DETECTOR
LEVEL
DETECTOR
LEVEL
DETECTOR
1ST IF
AMPL.
2ND IF
AMPL.
3RD IF
AMPL.
MUTE (SQUELCH)
DRIVE CIRCUIT
QUADRATURE
DETECTOR
TUNING
METER
CIRCUIT
AFC
AMPL.
AUDIO
AMPL.
AUDIO
MUTE
(SQUELCH)
CONTROL
AMPL.
FRAME SUBSTRATE
150
µA
METER
33K
TUNING METER OUTPUT
TO STEREO
THRESHOLD
LOGIC CIRCUITS
10K
DELAYED
AGC FOR
RF AMPL
0.02
µF
0.02
µF
IF
INPUT
TO INTERNAL
REGULATORS
OUT
REFERENCE
BIAS
AFC
OUTPUT
AUDIO
OUTPUT
MUTING
SENSITIVITY
0.33
µF
10K
470
QUADRATURE
INPUT
22
µH
C =
100pF
L
IF AMPLIFIER
ON CHANNEL
INDICATOR
8.2K
5K
FM
DETECTOR
22K
DEVI-
ATION
MUTE
LOGIC
DELAYED
RF AGC
16
47K
CA3189E
11
V+
10
(NOTE 11)
CA3189


Similar Part No. - CA3189

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3183 INTERSIL-CA3183 Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3183 INTERSIL-CA3183 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
CA3183A INTERSIL-CA3183A Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3183AE INTERSIL-CA3183AE Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3183AE INTERSIL-CA3183AE Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results

Similar Description - CA3189

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com