Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU408 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GBU408
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GBU408 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GBU408 Datasheet HTML 1Page - List of Unclassifed Manufacturers GBU408 Datasheet HTML 2Page - List of Unclassifed Manufacturers GBU408 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GBU402 thru GBU410
Document Number: GBU402 thru GBU410
www.
Jun.25, 2010
3
smsemi.com
Package Outline Information
Dimensions in inches (mm)
CASE: GBU-A
+
0.740(18.8)
0.720(18.3)
0.717(18.2)
0.697(17.7)
0.026(0.67)
0.020(0.52)
0.085(2.16)
0.075(1.90)
0.140(3.56)
0.130(3.30)
~
~
-
0.880(22.3)
0.860(21.8)
0.310(7.9)
0.290(7.4)
0.085(2.16)
0.065(1.65)
0.160(4.1)
0.140(3.5)
0.080(2.03)
0.060(1.52)
0.100(2.54)
0.085(2.16)
0.080(2.03)
0.065(1.65)
0.190(4.83)
0.210(5.33)
0.050(1.27)
0.040(1.02)
0.075
(1.9)R
0.125(3.2)×45°
Chamfer


Similar Part No. - GBU408

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU408 DIODES-GBU408 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
logo
Chongqing Pingwei Enter...
GBU408 CHONGQING-GBU408 Datasheet
206Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBU408 JUXING-GBU408 Datasheet
1Mb / 2P
   GBJ35005
logo
Diodes Incorporated
GBU408 DIODES-GBU408 Datasheet
75Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. 7 - 2
logo
Kingtronics Internation...
GBU408 KINGTRONICS-GBU408 Datasheet
354Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 4.0 Ampere
More results

Similar Description - GBU408

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com