Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5662
Description  2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5662_15 Datasheet HTML 15Page - Analog Devices AD5662_15 Datasheet HTML 16Page - Analog Devices AD5662_15 Datasheet HTML 17Page - Analog Devices AD5662_15 Datasheet HTML 18Page - Analog Devices AD5662_15 Datasheet HTML 19Page - Analog Devices AD5662_15 Datasheet HTML 20Page - Analog Devices AD5662_15 Datasheet HTML 21Page - Analog Devices AD5662_15 Datasheet HTML 22Page - Analog Devices AD5662_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5662
Rev. A | Page 19 of 24
BIPOLAR OPERATION USING THE AD5662
The AD5662 has been designed for single-supply operation,
but a bipolar output range is also possible using the circuit in
Figure 42. The circuit gives an output voltage range of ±5 V.
Rail-to-rail operation at the amplifier output is achievable using
an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
×
+
×
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
536
,
65
where D represents the input code in decimal (0 to 65,535).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
×
=
D
VO
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output, and 0xFFFF corresponding to a
+5 V output.
R2 = 10k
Ω
+5V
–5V
AD820/
OP295
THREE-WIRE
SERIAL
INTERFACE
+5V
AD5662
VREF
VOUT
VFB
R1 = 10k
Ω
±5V
0.1
μF
10
μF
Figure 42. Bipolar Operation with the AD5662
USING THE AD5662 AS AN ISOLATED,
PROGRAMMABLE, 4-20 mA PROCESS
CONTROLLER
In many process control system applications, 2-wire current
transmitters are used to transmit analog signals through noisy
environments. These current transmitters use a zero-scale
signal current of 4 mA that can power the transmitter’s signal
conditioning circuitry. The full-scale output signal in these
transmitters is 20 mA. The converse approach to process
control can also be used; a low-power, programmable current
source can be used to control remotely located sensors or
devices in the loop.
A circuit that performs this function is shown in Figure 43.
Using the AD5662 as the controller, the circuit provides a
programmable output current of 4 mA to 20 mA, proportional
to the DAC’s digital code. Biasing for the controller is provided
by the ADR02 and requires no external trim for two reasons:
(1) the ADR02’s tight initial output voltage tolerance and (2)
the low supply current consumption of both the AD8627 and
the AD5662. The entire circuit, including opto-couplers,
consumes less than 3 mA from the total budget of 4 mA. The
AD8627 regulates the output current to satisfy the current
summation at the noninverting node of the AD8627.
IOUT = 1/R7 (VDAC × R3/R1 + VREF × R3/R2)
For the values shown in Figure 43,
IOUT = 0.2435 μA × D + 4 mA
where D = 0 ≤ D ≤ 65535, giving a full-scale output current of
20 mA when the AD5662’s digital code equals 0xFFFF. Offset
trim at 4 mA is provided by P2, and P1 provides the circuit’s
gain trim at 20 mA. These two trims do not interact because
the noninverting input of the AD8627 is at virtual ground. The
Schottky diode, D1, is required in this circuit to prevent loop
supply power-on transients from pulling the noninverting input
of the AD8627 more than 300 mV below its inverting input.
Without this diode, such transients could cause phase reversal
of the AD8627 and possible latch-up of the controller. The loop
supply voltage compliance of the circuit is limited by the maxi-
mum applied input voltage to the ADR02 and is from 12 V to
40 V.
SERIAL
LOAD
AD5662
VLOOP
12V TO 36V
4mA TO 20mA
AD8627
R1
4.7k
Ω
R2
18.5k
Ω
P1
20mA
ADJUST
P2
4mA
ADJUST
R6
3.3k
Ω
R3
1.5k
Ω
D1
Q1
2N3904
R7
100
Ω
RL
ADR02
Figure 43. Programmable 4–20 mA Process Controller


Similar Part No. - AD5662_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662ARJ-1500RL7 AD-AD5662ARJ-1500RL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-1REEL7 AD-AD5662ARJ-1REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-2 AD-AD5662ARJ-2 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662ARJ-2500RL7 AD-AD5662ARJ-2500RL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
More results

Similar Description - AD5662_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com