Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F200BX-T90 Datasheet(PDF) 31 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 31 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 25Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 26Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 27Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 28Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 29Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 30Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 31Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 32Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
A28F200BX-TB
AC CHARACTERISTICS FOR CE -CONTROLLED WRITE OPERATIONS(1 9)
Versions
A28F200BX-90(10)
Unit
Symbol
Parameter
Notes
Min
Max
tAVAV
tWC
Write Cycle Time
90
ns
tPHEL
tPS
RP
High Recovery
210
ns
to CE
Going Low
tWLEL
tWS
WE
Setup to CE
0ns
Going Low
tPHHEH
tPHS
RP
VHH Setup to
6 8
100
ns
CE
Going High
tVPEH
tVPS
VPP Setup to CE
5 8
100
ns
Going High
tAVEH
tAS
Address Setup to
3
60
ns
CE
Going High
tDVEH
tDS
Data Setup to CE
460
ns
Going High
tELEH
tCP
CE
Pulse Width
60
ns
tEHDX
tDH
Data Hold from
4
0
ns
CE
High
tEHAX
tAH
Address Hold
3
10
ns
from CE
High
tEHWH
tWH
WE
Hold from CE
High
10
ns
tEHEL
tCPH
CE
Pulse
30
ns
Width High
tEHQV1
Duration of WordByte
2 5
7
m
s
Programming
Operation
tEHQV2
Duration of Erase
2 5 6
04
s
Operation (Boot)
tEHQV3
Duration of Erase
2 5
04
s
Operation (Parameter)
tEHQV4
Duration of Erase
2 5
07
s
Operation (Main)
tQWL
tVPH
VPP Hold from
5 8
0
ns
Valid SRD
tQVPH
tPHH
RP
VHH Hold
6 8
0
ns
from Valid SRD
tPHBR
Boot-Block Relock Delay
7
100
ns
NOTES
1 Chip-Enable Controlled Writes Write operations are driven by the valid combination of CE
and WE
in systems where
CE
defines the write pulse-width (within a longer WE
timing waveform) all set-up hold and inactive WE
time should be
measured relative to the CE
waveform
2 3 4 5 6 7 8 Refer to AC Characteristics for WE -Controlled Write Operations
9 Read timing characteristics during write and erase operations are the same as during read-only operations Refer to AC
Characteristics during Read Mode
10 See Standard Test Configuration
31


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com