Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F200BX-T90 Datasheet(PDF) 28 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 28 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 24Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 25Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 26Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 27Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 28Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 29Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 30Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 31Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
A28F200BX-TB
AC CHARACTERISTICS For WE -Controlled Write Operations(1)
Versions(4)
A28F200BX-90(9)
Unit
Symbol
Parameter
Notes
Min
Max
tAVAV
tWC
Write Cycle Time
90
ns
tPHWL
tPS
RP
High Recovery to
210
ns
WE
Going Low
tELWL
tCS
CE
Setup to WE
Going Low
0
ns
tPHHWH
tPHS
RP
VHH Setup to WE
Going High
6 8
100
ns
tVPWH
tVPS
VPP Setup to WE
Going High
5 8
100
ns
tAVWH
tAS
Address Setup to WE
Going High
3
60
ns
tDVWH
tDS
Data Setup to WE
Going High
4
60
ns
tWLWH
tWP
WE
Pulse Width
60
ns
tWHDX
tDH
Data Hold from WE
High
4
0
ns
tWHAX
tAH
Address Hold from WE
High
3
10
ns
tWHEH
tCH
CE
Hold from WE
High
10
ns
tWHWL
tWPH
WE
Pulse Width High
30
ns
tWHQV1
Duration of WordByte
2 5
7
m
s
Write Operation
tWHQV2
Duration of Erase Operation (Boot)
2 5 6
04
s
tWHQV3
Duration of Erase
2 5
04
s
Operation (Parameter)
tWHQV4
Duration of Erase Operation (Main)
2 5 6
07
s
tQWL
tVPH
VPP Hold from Valid SRD
5 8
0
ns
tQVPH
tPHH
RP
VHH Hold from Valid SRD
6 8
0
ns
tPHBR
Boot-Block Relock Delay
7 8
100
ns
NOTES
1 Read timing characteristics during write and erase operations are the same as during read-only operations Refer to AC
Characteristics during Read Mode
2 The on-chip WSM completely automates programerase operations programerase algorithms are now controlled inter-
nally which includes verify and margining operations
3 Refer to command definition table for valid AIN
4 Refer to command definition table for valid DIN
5 ProgramErase durations are measured to valid SRD data (successful operation SR7e1)
6 For Boot Block ProgramErase RP
should be held at VHH until operation completes successfully
7 Time tPHBR is required for successful relocking of the Boot Block
8 Sampled but not 100% tested
9 See Standard Test Configuration
28


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com