Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F200BX-T90 Datasheet(PDF) 25 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 25 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 21Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 22Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 23Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 24Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 25Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 26Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 27Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 28Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
A28F200BX-TB
AC CHARACTERISTICSRead Only Operations(1)
Versions
A28F200BX-90(4)
Unit
Symbol
Parameter
Notes
Min
Max
tAVAV
tRC
Read Cycle Time
90
ns
tAVQV
tACC
Address to
90
ns
Output Delay
tELQV
tCE
CE
to Output Delay
2
90
ns
tPHQV
tPWH
RP
High to
300
ns
Output Delay
tGLQV
tOE
OE
to Output Delay
2
45
ns
tELQX
tLZ
CE
to Output Low Z
3
0
ns
tEHQZ
tHZ
CE
High to Output
3
35
ns
High Z
tGLQX
tOLZ
OE
to Output Low Z
3
0
ns
tGHQZ
tDF
OE
High to Output
3
35
ns
High Z
tOH
Output Hold from
3
0
ns
Addresses
CE
or OE
Change
Whichever is First
tELFL
CE
to BYTE
35
ns
tELFH
Switching
Low or High
tFHQV
BYTE
Switching
3 5
90
ns
High to
Valid Output Delay
tFLQZ
BYTE
Switching
3
35
ns
Low to
Output High Z
NOTES
1 See AC InputOutput Reference Waveform for timing measurements
2 OE
may be delayed up to tCE–tOE after the falling edge of CE
without impact on tCE
3 Sampled not 100% tested
4 See Standard Test Configuration
5 tFLQV BYTE
switching low to valid output delay will be equal to tAVQV measured from the time DQ5 A-1 becomes
valid
25


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com