Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F200BX-T90 Datasheet(PDF) 24 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 24 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 20Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 21Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 22Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 23Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 24Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 25Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 26Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 27Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
A28F200BX-TB
CAPACITANCE(4) TA e 25 C f e 1 MHz
Symbol
Parameter
Typ
Max
Unit
Condition
CIN
Input Capacitance
6
8
pF
VIN e 0V
COUT
Output Capacitance
10
12
pF
VOUT e 0V
NOTES
1 All currents are in RMS unless otherwise noted Typical values at VCC e 50V VPP e 120V T e 25 C These currents
are valid for all product versions (packages and speeds)
2 ICCES is specified with the device deselected If the device is read while in Erase Suspend Mode current draw is the sum
of ICCES and ICCR
3 Block Erases and WordByte Writes are inhibited when VPP e VPPL and not guaranteed in the range between VPPH and
VPPL
4 Sampled not 100% tested
5 Automatic Power Savings (APS) reduces ICCR to less than 1 mA typical in static operation
6 CMOS Inputs are either VCC g02V or GND g02V TTL Inputs are either VIL or VIH
7 VPP e 120V g5% for applications requiring 1000 block erase cycles
STANDARD TEST CONFIGURATION
STANDARD AC INPUTOUTPUT
REFERENCE WAVEFORM
290500 – 12
AC test inputs are driven at VOH (24 VTTL) for a Logic ‘‘1’’ and VOL
(045 VTTL) for a logic ‘‘0’’ Input timing begins at VIH (20 VTTL) and VIL
(08 VTTL) Output timing ends at VIH and VIL Input rise and fall times (10%
to 90%) k 10 ns
STANDARD AC TESTING
LOAD CIRCUIT
290500 – 13
CL e 100 pF
CL Includes Jig Capacitance
RL e 33 KX
24


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com