Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F200BX-T90 Datasheet(PDF) 23 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 23 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 19Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 20Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 21Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 22Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 23Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 24Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 25Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 26Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
A28F200BX-TB
DC CHARACTERISTICS (Continued)
Symbol
Parameter
Notes Min Typ
Max
Unit
Test Condition
ICCD
VCC Deep Power-Down Current
1
80
m
ARP
e
GND g02V
ICCR
VCC Read Current for
1 5
60
mA VCC e VCC Max CE
e
GND
A28F200BX Byte-Wide and
6
f e 10 MHz IOUT e 0mA
Word-Wide Mode
CMOS Inputs
65
mA VCC e VCC Max CE
e
VIL
f e 10 MHz IOUT e 0mA
TTL Inputs
ICCW
VCC Write Current
1 4
65
mA Word Write in Progress
ICCE
VCC Block Erase Current
1 4
30
mA Block Erase in Progress
ICCES
VCC Erase Suspend Current
1 2
5
10
mA Block Erase Suspended
CE
e
VIH
IPPS
VPP Standby Current
1
15
m
AVPP s VCC
IPPD
VPP Deep Power-Down Current
1
50
m
ARP
e
GND g02V
IPPR
VPP Read Current
1
200
m
AVPP l VCC
IPPW
VPP Word Write Current
1 4
40
mA VPP e VPPH
Word Write in Progress
IPPW
VPP Byte Write Current
1 4
30
mA VPP e VPPH
Byte Write in Progress
IPPE
VPP Block Erase Current
1 4
30
mA VPP e VPPH
Block Erase in Progress
IPPES
VPP Erase Suspend Current
1
200
m
AVPP e VPPH
Block Erase Suspended
IRP
RP
Current
1 4
500
m
ARP
e
VHH
IID
A9 Intelligent Identifier Current
1 4
500
m
AA9 e VID
VID
A9 Intelligent Identifier Voltage
115
130
V
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage
20
VCC a 05 V
VOL
Output Low Voltage
045
V VCC e VCC Min
IOL e 58 mA
VOH
Output High Voltage
24
V VCC e VCC Min
IOH eb25 mA
VPPL
VPP during Normal Operations
3
00
65
V
VPPH
VPP during EraseWrite Operations
7
114 120
126
V
VLKO
VCC EraseWrite Lock Voltage
20
V
VHH
RP
Unlock Voltage
115
130
V Boot Block WriteErase
23


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com