Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F200BX-T90 Datasheet(PDF) 21 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 21 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 17Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 18Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 19Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 20Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 21Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 22Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 23Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 24Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
A28F200BX-TB
344 RESETDEEP POWER-DOWN
The 2-Mbit boot block flash family has a RP
pin
which places the device in the deep power-down
mode When RP
is at a logic-low (GND g02V) all
circuits are turned off and the device typically draws
a maximum 80 mAofVCC current
During read modes the RP
pin going low dese-
lects the memory and places the output drivers in a
high impedance state Recovery from the deep pow-
er-down state requires a minimum of 300 ns to ac-
cess valid data (tPHQV)
During erase or program modes RP
low will abort
either erase or program operation The contents of
the memory are no longer valid as the data has been
corrupted by the RP
function As in the read mode
above all internal circuitry is turned off to achieve
the low current level
RP
transitions to VIL or turning power off to the
device will clear the status register
This use of RP
during system reset is important
with automated writeerase devices When the sys-
tem comes out of reset it expects to read from the
flash memory Automated flash memories provide
status information when accessed during write
erase modes If a CPU reset occurs with no flash
memory reset proper CPU initialization would not
occur because the flash memory would be providing
the status information instead of array data Intel’s
Flash Memories allow proper CPU initialization fol-
lowing a system reset through the use of the RP
input In this application RP
is controlled by the
same RESET
signal that resets the system CPU
35 Power-Up Operation
The 2-Mbit boot block flash family is designed to
offer protection against accidental block erasure or
programming during power transitions Upon power-
up the 2-Mbit boot block flash family is indifferent as
to which power supply VPP or VCC powers-up first
Power suppy sequencing is not required
The 2-Mbit boot block flash family ensures the CUI is
reset to the read mode on power-up
In addition on power-up the user must either drop
CE
low or present a new address to ensure valid
data at the outputs
A system designer must guard against spurious
writes for VCC voltages above VLKO when VPP is
active Since both WE
and CE
must be low for a
command write driving either signal to VIH will inhibit
writes to the device The CUI architecture provides
an added level of protection since alteration of mem-
ory contents can only occur after successful com-
pletion of the two-step command sequences Final-
ly the device is disabled until RP
is brought to VIH
regardless of the state of its control inputs This fea-
ture provides yet another level of memory protec-
tion
36 Power Supply Decoupling
Flash memory’s power switching characteristics re-
quire careful device decoupling methods System
designers are interested in 3 supply current issues
 Standby current levels (ICCS)
 Active current levels (ICCR)
 Transient peaks produced by falling and rising
edges of CE
Transient current magnitudes depend on the device
outputs’ capacitive and inductive loading Two-line
control and proper decoupling capacitor selection
will suppress these transient voltage peaks Each
flash device should have a 01 mF ceramic capacitor
connected between each VCC and GND and be-
tween its VPP and GND These high frequency low-
inherent inductance capacitors should be placed as
close as possible to the package leads
361 VPP TRACE ON PRINTED CIRCUIT
BOARDS
Writing to flash memories while they reside in the
target system requires special consideration of the
VPP power supply trace by the printed circuit board
designer The VPP pin supplies the flash memory
cell’s current for programming and erasing One
should use similar trace widths and layout consider-
ations given to the VCC power supply trace Ade-
quate VPP supply traces and decoupling will de-
crease spikes and overshoots
362 VCC VPP AND RP
TRANSITIONS
The CUI latches commands as issued by system
software and is not altered by VPP or CE
tran-
sitions or WSM actions Its state upon power-up af-
ter exit from deep power-down mode or after VCC
transitions below VLKO (Lockout voltage) is Read
Array mode
After any wordbyte write or block erase operation is
complete and even after VPP transitions down to
VPPL the CUI must be reset to Read Array mode via
the Read Array command when accesses to the
flash memory are desired
21


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com