Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F200BX-T90 Datasheet(PDF) 16 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 16 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 12Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 13Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 14Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 15Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 16Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 17Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 18Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 19Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
A28F200BX-TB
toggling either CE
or OE
to determine when the
program sequence is complete
Only the Read
Status Register command is valid while program-
ming is active
When programming is complete the status bits
which indicate whether the program operation was
successful should be checked If the programming
operation was unsuccessful Bit 4 of the status regis-
ter is set to a ‘‘1’’ to indicate a Program Failure lf Bit
3 is set then VPP was not within acceptable limits
and the WSM will not execute the programming se-
quence
The status register should be cleared before at-
tempting the next operation Any CUI instruction can
follow after programming is completed however it
must be recognized that reads from the memory
status register or Intelligent Identifier cannot be ac-
complished until the CUI is given the appropriate
command A Read Array command must first be giv-
en before memory contents can be read
Figure 6 shows a system software flowchart for de-
vice byte programming operation Figure 7 shows a
similar flowchart for device word programming oper-
ation (A28F200BX-only)
335 ERASE MODE
Erasure of a single block is initiated by writing the
Erase Setup and Erase Confirm commands to the
CUI along with the addresses A 1216
identifying
the block to be erased These addresses are latched
internally when the Erase Confirm command is is-
sued Block erasure results in all bits within the block
being set to ‘‘1’’
The WSM will execute a sequence of internally
timed events to
1 Program all bits within the block
2 Verify that all bits within the block are sufficiently
programmed
3 Erase all bits within the block and
4 Verify that all bits within the block are sufficiently
erased
While the erase sequence is executing Bit 7 of the
status register is a ‘‘0’’
When the status register indicates that erasure is
complete the status bits which indicate whether the
erase operation was successful should be checked
If the erasure operation was unsuccessful Bit 5 of
the status register is set to a ‘‘1’’ to indicate an
Erase Failure If VPP was not within acceptable limits
after the Erase Confirm command is issued the
WSM will not execute an erase sequence instead
Bit 5 of the status register is set to a ‘‘1’’ to indicate
an Erase Failure and Bit 3 is set to a ‘‘1’’ to identify
that VPP supply voltage was not within acceptable
limits
The status register should be cleared before at-
tempting the next operation Any CUI instruction can
follow after erasure is completed however it must
be recognized that reads from the memory array
status register or Intelligent Identifier can not be ac-
complished until the CUI is given the appropriate
command A Read Array command must first be giv-
en before memory contents can be read
Figure 8 shows a system software flowchart for
Block Erase operation
3351 Suspending and Resuming Erase
Since an erase operation typically requires 15 to 3
seconds to complete an Erase Suspend command
is provided This allows erase-sequence interruption
in order to read data from another block of the mem-
ory Once the erase sequence is started writing the
Erase Suspend command to the CUI requests that
the Write State Machine (WSM) pause the erase se-
quence at a predetermined point in the erase algo-
rithm The status register must be read to determine
when the erase operation has been suspended
At this point a Read Array command can be written
to the CUI in order to read data from blocks other
than that which is being suspended The only other
valid command at this time is the Erase Resume
command or Read Status Register operation
Figure 9 shows a system software flowchart detail-
ing the operation
During Erase Suspend mode the chip can go into a
pseudo-standby mode by taking CE
to VIH and the
active current is now a maximum of 10 mA If the
chip is enabled while in this mode by taking CE
to
VIL the Erase Resume command can be issued to
resume the erase operation
Upon completion of reads from any block other than
the block being erased the Erase Resume com-
mand must be issued When the Erase Resume
command is given the WSM will continue with the
erase sequence and complete erasing the block As
with the end of erase the status register must be
read cleared and the next instruction issued in or-
der to continue
346 EXTENDED CYCLING
Intel has designed extended cycling capability into
its ETOX III flash memory technology The 2-Mbit
boot block flash family is designed for 1000 pro-
gramerase cycles on each of the five blocks The
combination of low electric fields clean oxide pro-
cessing and minimized oxide area per memory cell
subjected to the tunneling electric field results in
very high cycling capability
16


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com