Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F200BX-T90 Datasheet(PDF) 14 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 14 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 10Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 11Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 12Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 13Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 14Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 15Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 16Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 17Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
A28F200BX-TB
Program Setup (40H or 10H)
This command simply sets the CUI into a state such
that the next write will load the address and data
registers Either 40H or 10H can be used for Pro-
gram Setup Both commands are included to ac-
commodate efforts to achieve an industry standard
command code set
Program
The second write after the program setup command
will latch addresses and data Also the CUI initiates
the WSM to begin execution of the program algo-
rithm While the WSM finishes the algorithm the de-
vice will output Status Register contents Note that
the WSM cannot be suspended during program-
ming
Erase Setup (20H)
Prepares the CUI for the Erase Confirm command
No other action is taken lf the next command is not
an Erase Confirm command then the CUI will set
both the Program Status and Erase Status bits of the
Status Register to a ‘‘1’’ place the device into the
Read Status Register state and wait for another
command
Erase Confirm (D0H)
If the previous command was an Erase Setup com-
mand then the CUI will enable the WSM to erase at
the same time closing the address and data latches
and respond only to the Read Status Register and
Erase Suspend commands While the WSM is exe-
cuting the device will output Status Register data
when OE
is toggled low Status Register data can
only be updated by toggling either OE
or CE
low
Erase Suspend (B0H)
This command only has meaning while the WSM is
executing an Erase operation and therefore will only
be responded to during an erase operation After
this command has been executed the CUl will set
an output that directs the WSM to suspend Erase
operations and then return to responding to only
Read Status Register or to the Erase Resume com-
mands Once the WSM has reached the Suspend
state it will set an output into the CUI which allows
the CUI to respond to the Read Array Read Status
Register and Erase Resume commands In this
mode the CUI will not respond to any other com-
mands The WSM will also set the WSM Status bit to
a ‘‘1’’ The WSM will continue to run idling in the
SUSPEND state regardless of the state of all input
control pins with the exclusion of RP
RP
will
immediately shut down the WSM and the remainder
of the chip During a suspend operation the data
and address latches will remain closed but the ad-
dress pads are able to drive the address into the
read path
Erase Resume (D0H)
This command will cause the CUI to clear the Sus-
pend state and set the WSM Status bit to a ‘‘0’’ but
only if an Erase Suspend command was previously
issued Erase Resume will not have any effect in all
other conditions
333 STATUS REGISTER
The 2-Mbit boot block flash family contains a status
register which may be read to determine when a pro-
gram or erase operation is complete and whether
that operation completed successfully The status
register may be read at any time by writing the Read
Status command to the CUI After writing this com-
mand all subsequent Read operations output data
from the status register until another command is
written to the CUI A Read Array command must be
written to the CUI to return to the Read Array mode
The status register bits are output on DQ 07
whether the device is in the byte-wide (x8) or word-
wide (x16) mode In the word-wide mode the upper
byte DQ 815 is set to 00H during a Read Status
command In the byte-wide mode DQ 814 are tri-
stated and DQ15Ab1 retains the low order ad-
dress function
It should be noted that the contents of the status
register are latched on the falling edge of OE
or
CE
whichever occurs last in the read cycle This
prevents possible bus errors which might occur if the
contents of the status register change while reading
the status register CE
or OE
must be toggled
with each subsequent status read or the completion
of a program or erase operation will not be evident
The Status Register is the interface between the mi-
croprocessor and the Write State Machine (WSM)
When the WSM is active this register will indicate
the status of the WSM and will also hold the bits
indicating whether or not the WSM was successful in
performing the desired operation The WSM sets
status bits ‘‘Three’’ through ‘‘Seven’’ and clears bits
‘‘Six’’ and ‘‘Seven’’ but cannot clear status bits
‘‘Three’’ through ‘‘Five’’ These bits can only be
cleared by the controlling CPU through the use of
the Clear Status Register command
14


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com