Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F200BX-T90 Datasheet(PDF) 13 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 13 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 9Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 10Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 11Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 12Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 13Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 14Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 15Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 16Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
A28F200BX-TB
Table 3 Command Definitions
Command
Bus
Notes
First Bus Cycle
Second Bus Cycle
Cycles
Req’d
8
Operation Address Data Operation Address Data
Read ArrayReset
1
1
Write
X
FFH
Intelligent Identifier
3
2 4
Write
X
90H
Read
IA
IID
Read Status Register
2
3
Write
X
70H
Read
X
SRD
Clear Status Register
1
Write
X
50H
Erase SetupErase Confirm
2
5
Write
BA
20H
Write
BA
D0H
WordByte Write SetupWrite
2
6 7
Write
WA
40H
Write
WA
WD
Erase SuspendErase Resume
2
Write
X
B0H
Write
X
D0H
Alternate WordByte Write SetupWrite
2
6 7
Write
WA
10H
Write
WA
WD
NOTES
1 Bus operations are defined in Tables 1 2
2 IA e Identifier Address 00H for manufacturer code 01H for device code
3 SRD e Data read from Status Register
4 IID e Intelligent Identifier Data
Following the Intelligent Identifier Command two read operations access manufacturer and device codes
5 BA e Address within the block being erased
6 PA e Address to be programmed
PD e Data to be programmed at location PA
7 Either 40H or 10H command is valid
8 When writing commands to the device the upper data bus DQ8 – DQ15 e X which is either VCC or VSS to avoid burning
additional current
InvalidReserved
These are unassigned commands It is not recom-
mended that the customer use any command other
than the valid commands specified above Intel re-
serves the right to redefine these codes for future
functions
Read Array (FFH)
This single write command points the read path at
the array If the host CPU performs a CE
OE
controlled read immediately following a two-write se-
quence that started the WSM then the device will
output status register contents If the Read Array
command is given after Erase Setup the device is
reset to read the array A two Read Array command
sequence (FFH) is required to reset to Read Array
after Program Setup
Intelligent Identifier (90H)
After this command is executed the CUI points the
output path to the Intelligent Identifier circuits Only
Intelligent Identifier values at addresses 0 and 1 can
be read (only address A0 is used in this mode all
other address inputs are ignored)
Read Status Register (70H)
This is one of the two commands that is executable
while the state machine is operating After this com-
mand is written a read of the device will output the
contents of the status register regardless of the ad-
dress presented to the device
The device automatically enters this mode after pro-
gram or erase has completed
Clear Status Register (50H)
The WSM can only set the Program Status and
Erase Status bits in the status register it can not
clear them Two reasons exist for operating the
status register in this fashion The first is a synchro-
nization The WSM does not know when the host
CPU has read the status register therefore it would
not know when to clear the status bits Secondly if
the CPU is programming a string of bytes it may be
more efficient to query the status register after pro-
gramming the string Thus if any errors exist while
programming the string the status register will return
the accumulated error status
13


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com