Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5556 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5556
Description  Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5556 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5556_15 Datasheet HTML 12Page - Analog Devices AD5556_15 Datasheet HTML 13Page - Analog Devices AD5556_15 Datasheet HTML 14Page - Analog Devices AD5556_15 Datasheet HTML 15Page - Analog Devices AD5556_15 Datasheet HTML 16Page - Analog Devices AD5556_15 Datasheet HTML 17Page - Analog Devices AD5556_15 Datasheet HTML 18Page - Analog Devices AD5556_15 Datasheet HTML 19Page - Analog Devices AD5556_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5546/AD5556
Data Sheet
Rev. D | Page 16 of 20
Table 12. Suitable Analog Devices Precision Op Amps
Part No.
Supply Voltage (V)
VOS Maximum
(µV)
IB Maximum
(nA)
0.1 Hz to 10 Hz
Noise (µV p-p)
Supply Current (µA)
Package(s)
OP97
±2 to ±20
25
0.1
0.5
600
SOIC-8 , PDIP-8
OP1177
±2.5 to ±15
60
2
0.4
500
MSOP-8, SOIC-8
AD8675
±5 to ±18
75
2
0.1
2300
MSOP-8, SOIC-8
AD8671
±5 to ±15
75
12
0.077
3000
MSOP-8, SOIC-8
ADA4004-1
±5 to ±15
125
90
0.1
2000
SOIC-8, SOT-23-5
AD8603
1.8 to 5
50
0.001
2.3
40
TSOT-5
AD8607
1.8 to 5
50
0.001
2.3
40
MSOP-8, SOIC-8
AD8605
2.7 to 5
65
0.001
2.3
1000
WLCSP-5, SOT-23-5
AD8615
2.7 to 5
65
0.001
2.4
2000
TSOT-23-5
AD8616
2.7 to 5
65
0.001
2.4
2000
MSOP-8, SOIC-8
Table 13. Suitable Analog Devices High Speed Op Amps
Part No.
Supply Voltage (V)
BW @ ACL (MHz)
Slew Rate (V/µs)
VOS (Max) (µV)
IB (Max) (nA)
Package(s)
AD8065
5 to 24
145
180
1500
0.006
SOIC-8, SOT-23-5
AD8066
5 to 24
145
180
1500
0.006
SOIC-8, MSOP-8
AD8021
5 to 24
490
120
1000
10,500
SOIC-8, MSOP-8
AD8038
3 to 12
350
425
3000
750
SOIC-8, SC70-5
ADA4899-1
5 to 12
600
310
35
100
LFCSP-8, SOIC-8
AD8057
3 to 12
325
1000
5000
500
SOT-23-5, SOIC-8
AD8058
3 to 12
325
850
5000
500
SOIC-8, MSOP-8
AD8061
2.7 to 8
320
650
6000
350
SOT-23-5, SOIC-8
AD8062
2.7 to 8
320
650
6000
350
SOIC-8, MSOP-8
AD9631
±3 to ±6
320
1300
10,000
7000
SOIC-8, PDIP-8


Similar Part No. - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRU AD-AD5556CRU Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRU-REEL7 AD-AD5556CRU-REEL7 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results

Similar Description - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com