Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5556 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5556
Description  Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5556 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5556_15 Datasheet HTML 10Page - Analog Devices AD5556_15 Datasheet HTML 11Page - Analog Devices AD5556_15 Datasheet HTML 12Page - Analog Devices AD5556_15 Datasheet HTML 13Page - Analog Devices AD5556_15 Datasheet HTML 14Page - Analog Devices AD5556_15 Datasheet HTML 15Page - Analog Devices AD5556_15 Datasheet HTML 16Page - Analog Devices AD5556_15 Datasheet HTML 17Page - Analog Devices AD5556_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5546/AD5556
Data Sheet
Rev. D | Page 14 of 20
Table 10. AD5546 Output vs. Code
D in Binary
VOUT
1111 1111 1111 1111
+VREF(32,767/32,768)
1000 0000 0000 0001
+VREF(1/32,768)
1000 0000 0000 0000
0
0111 1111 1111 1111
–VREF(1/32,768)
0000 0000 0000 0000
–VREF
AC REFERENCE SIGNAL ATTENUATOR
Besides handling digital waveforms decoded from parallel input
data, the AD5546/AD5556 handle equally well low frequency
ac reference signals for signal attenuation, channel equalization,
and waveform generation applications. The maximum signal
range can be up to ±18 V (see Figure 22).
SYSTEM CALIBRATION
The initial accuracy of the system can be adjusted by trimming
the voltage reference ADR0x with a digital potentiometer (see
Figure 23). The AD5170 provides an OTP (one time program-
mable), 8-bit adjustment that is ideal and reliable for such cali-
bration. The Analog Devices, Inc., OTP digital potentiometer
comes with programmable software that simplifies the factory
calibration process.
16/14-BIT
VDD
ROFS
ROFSA
VOUT
RFB
RFBA
C6
GND
U1
AD5546/AD5556
IOUT
R2
R1
RCOMA
R1A
16/14 DATA
VREFA
U2B
OP2177
+
C4
1
F
C5
0.1
F
C8
1
F
C9
0.1
F
+15V
–15V
WR
WR
LDAC
LDAC
RS
RS
MSB
MSB
C2
0.1
F
C1
1
F
V+
V–
U2A
OP2177
+
C7
+5V
+10V
–10V
Figure 22. Signal Attenuator with AC Reference
C8
0.1µF
C9
1µF
–5V
16-/14-BIT
DATA
16-/14-BIT
DATA
2
+5V
5
6
4
GND
VIN
TRIM
U3
ADR03
VOUT
VDD
ROFS
R3
470kΩ
U4
AD5170
10kΩ
B
R7
1kΩ
ROFSA
VOUT
0V TO +2.5V
RFB
RFBA
C6
GND
U1
AD5546/AD5556
IOUT
R2
R1
RCOMA
R1A
+2.5V
VREFA
U2B
AD8628
+
C4
1µF
C5
0.1µF
+5V
WR
WR
LDAC
LDAC
RS
RS
MSB
MSB
C2
0.1µF
C1
1µF
C3
0.1µF
V+
V–
U2A
AD8628
+
C7
–2.5V
V+
V–
Figure 23. Full Span Calibration


Similar Part No. - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRU AD-AD5556CRU Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRU-REEL7 AD-AD5556CRU-REEL7 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results

Similar Description - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com