Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5556 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5556
Description  Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5556 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5556_15 Datasheet HTML 9Page - Analog Devices AD5556_15 Datasheet HTML 10Page - Analog Devices AD5556_15 Datasheet HTML 11Page - Analog Devices AD5556_15 Datasheet HTML 12Page - Analog Devices AD5556_15 Datasheet HTML 13Page - Analog Devices AD5556_15 Datasheet HTML 14Page - Analog Devices AD5556_15 Datasheet HTML 15Page - Analog Devices AD5556_15 Datasheet HTML 16Page - Analog Devices AD5556_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD5546/AD5556
Rev. D | Page 13 of 20
VDD
ROFS
ROFSA
VOUT
RFB
RFBA
C6
GND
U1
AD5546/AD5556
IOUT
R2
R1
RCOMA
R1A
16-/14-BIT
DATA
16-/14-BIT
DATA
VREFA
U2B
OP2177
+
C4
1µF
C5
0.1µF
C8
1µF
C9
0.1µF
+15V
–15V
WR
WR
LDAC
LDAC
RS
RS
MSB
MSB
C2
0.1µF
C1
1µF
V+
V–
U2A
OP2177
+
C7
+5V
+10V
–10V
Figure 20. Unipolar Two-Quadrant Multiplying Mode, VOUT = 0 to +VREF
2
5V
6
5
4
GND
VIN
TRIM
U3
ADR03
VOUT
5V
VDD
R1
ROFS
ROFS
–VREF TO +VREF
VOUT
RFB
RFB
C2
GND
U1
AD5546/AD5556
IOUT
R2
U2A
OP2177
+
C1
–VREF
+VREF
RCOM
R1
16-/14-BIT
DATA
16-/14-BIT
DATA
REF
U2B
OP2177
+
WR
WR
LDAC
LDAC
RS
RS
MSB
MSB
Figure 21. Four-Quadrant Multiplying Mode, VOUT = –VREF to +VREF
BIPOLAR MODE
Four-Quadrant Multiplying Mode, VOUT = –VREF to +VREF
The AD5546/AD5556 contain on-chip all the four-quadrant
resistors necessary for the precision bipolar multiplying
operation. Such a feature minimizes the number of exponent
components to only a voltage reference, dual op amp, and
compensation capacitor (see Figure 21). For example, with a
10 V reference, the circuit yields a precision, bipolar –10 V to
+10 V output.
AD5546
VOUT = (D/32768 − 1) × VREF
(5)
AD5556
VOUT = (D/16384 − 1) × VREF
(6)
Table 10 shows some of the results for the 16-bit AD5546.


Similar Part No. - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRU AD-AD5556CRU Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRU-REEL7 AD-AD5556CRU-REEL7 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results

Similar Description - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com