Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5556 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5556
Description  Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5556 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5556_15 Datasheet HTML 7Page - Analog Devices AD5556_15 Datasheet HTML 8Page - Analog Devices AD5556_15 Datasheet HTML 9Page - Analog Devices AD5556_15 Datasheet HTML 10Page - Analog Devices AD5556_15 Datasheet HTML 11Page - Analog Devices AD5556_15 Datasheet HTML 12Page - Analog Devices AD5556_15 Datasheet HTML 13Page - Analog Devices AD5556_15 Datasheet HTML 14Page - Analog Devices AD5556_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD5546/AD5556
Rev. D | Page 11 of 20
DIGITAL SECTION
The AD5546/AD5556 have 16-/14-bit parallel inputs. The devices are double buffered with 16-/14-bit registers. The double-buffered
feature allows the update of several AD5546/AD5556 simultaneously. For the AD5546, the input register is loaded directly from a 16-bit
controller bus when the WR pin is brought low. The DAC register is updated with data from the input register when LDAC is brought
high. Updating the DAC register updates the DAC output with the new data (see Figure 17). To make both registers transparent, tie WR
low and LDAC high. The asynchronous RS pin resets the part to zero scale if the MSB pin = 0 and to midscale if the MSB pin = 1.
Table 5. AD5546 Parallel Input Data Format
MSB
LSB
Bit Position
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Data Word
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 6. AD5556 Parallel Input Data Format
MSB
LSB
Bit Position
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Data Word
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 7. Control Inputs
RS
WR
LDAC
Register Operation
0
X1
X1
Reset output to 0, with MSB pin = 0 and to midscale with MSB pin = 1.
1
0
0
Load input register with data bits.
1
1
1
Load DAC register with the contents of the input register.
1
0
1
Input and DAC registers are transparent.
1
When LDAC and WR are tied together and programmed as a pulse, the data bits are loaded into the input register on
the falling edge of the pulse and then loaded into the DAC register on the rising edge of the pulse.
1
1
0
No register operation.
1
X = don’t care.
ESD PROTECTION CIRCUITS
All logic input pins contain back-biased ESD protection Zeners
connected to ground (GND) and VDD, as shown in Figure 18. As
a result, the voltage level of the logic input should not be greater
than the supply voltage.
5kΩ
DIGITAL
INPUTS
DGND
VDD
Figure 18. Equivalent ESD Protection Circuits
AMPLIFIER SELECTION
In addition to offset voltage, the bias current is important in op
amp selection for precision current output DACs. An input bias
current of 30 nA in the op amp contributes to 1 LSB in the
AD5546’s full-scale error. The OP1177 and AD8628 op amps
are good candidates for the I-V conversion.
REFERENCE SELECTION
The initial accuracy and the rated output of the voltage refer-
ence determine the full span adjustment. The initial accuracy is
usually a secondary concern in precision because it can be
trimmed. Figure 23 shows an example of a trimming circuit.
The zero scale error can also be minimized by standard op amp
nulling techniques.
The voltage reference temperature coefficient (TC) and long-
term drift are primary considerations. For example, a 5 V ref-
erence with a TC of 5 ppm/oC means that the output changes by
25 µV per degree Celsius. As a result, the reference that operates
at 55oC contributes an additional 750 µV full-scale error.
Similarly, the same 5 V reference with a ±50 ppm long-term
drift means that the output may change by ±250 µV over time.
Therefore, it is practical to calibrate a system periodically to
maintain its optimum precision.


Similar Part No. - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRU AD-AD5556CRU Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRU-REEL7 AD-AD5556CRU-REEL7 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results

Similar Description - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com