Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5556 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5556
Description  Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5556 Datasheet(HTML) 1 Page - Analog Devices

  AD5556_15 Datasheet HTML 1Page - Analog Devices AD5556_15 Datasheet HTML 2Page - Analog Devices AD5556_15 Datasheet HTML 3Page - Analog Devices AD5556_15 Datasheet HTML 4Page - Analog Devices AD5556_15 Datasheet HTML 5Page - Analog Devices AD5556_15 Datasheet HTML 6Page - Analog Devices AD5556_15 Datasheet HTML 7Page - Analog Devices AD5556_15 Datasheet HTML 8Page - Analog Devices AD5556_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Current Output, Parallel Input, 16-/14-Bit
Multiplying DACs with Four-Quadrant Resistors
Data Sheet
AD5546/AD5556
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004-2011 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution
14-bit resolution
2- or 4-quadrant multiplying DAC
±1 LSB DNL
±1 LSB INL
Operating supply voltage: 2.7 V to 5.5 V
Low noise: 12 nV/√Hz
Low power: IDD = 10 μA
0.5 μs settling time
Built-in RFB facilitates current-to-voltage conversion
Built-in 4-quadrant resistors allow 0 V to –10 V, 0 V to +10 V,
or ±10 V outputs
2 mA full-scale current ±20%, with VREF = 10 V
Automotive operating temperature: –40°C to +125°C
Compact TSSOP-28 package
APPLICATIONS
Automatic test equipment
Instrumentation
Digitally controlled calibration
Digital waveform generation
FUNCTIONAL BLOCK DIAGRAM
DAC
AD5546/
AD5556
WR
LDAC
MSB
RS
DB0 TO DB15
CONTROL
LOGIC
DAC
REGISTER
POR
16/14
VDD
R1
R2
ROFS RFB
R1
RCOM
REF ROFS
RFB
IOUT
GND
Figure 1. AD5546/AD5556 Simplified Block Diagram
GENERAL DESCRIPTION
The AD5546/AD5556 are precision 16-/14-bit, multiplying, low
power, current output, parallel input digital-to-analog converters
(DACs). They operate from a single 2.7 V to 5.5 V supply with
±10 V multiplying references for four-quadrant outputs. Built-
in four-quadrant resistors facilitate the resistance matching and
temperature tracking that minimize the number of components
needed for multiquadrant applications. The feedback resistor
(RFB) simplifies the I-V conversion with an external buffer. The
AD5546/AD5556 are packaged in compact TSSOP-28 packages
with operating temperatures from –40°C to +125°C.
The EVAL-AD5546SDZ is available for evaluating DAC perfor-
mance. For more information, see the UG-309 evaluation board
user guide.
VDD
ROFS
ROFSA
VOUT
RFB
RFBA
C6
GND
U1
AD5546/AD5556
IOUT
R2
R1
RCOMA
R1A
16-/14-BIT
DATA
16-/14-BIT
DATA
VREFA
U2B
OP2177
+
C4
1µF
C5
0.1µF
C8
1µF
C9
0.1µF
+15V
–15V
WR
WR
LDAC
LDAC
RS
RS
MSB
MSB
C2
0.1µF
C1
1µF
V+
V–
U2A
OP2177
+
C7
+5V
+10V
–10V
Figure 2. 16-/14-Bit, Four-Quadrant Multiplying DAC with a Minimum of External Components


Similar Part No. - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRU AD-AD5556CRU Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRU-REEL7 AD-AD5556CRU-REEL7 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results

Similar Description - AD5556_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com