Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5546 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5546
Description  Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5546 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5546_15 Datasheet HTML 8Page - Analog Devices AD5546_15 Datasheet HTML 9Page - Analog Devices AD5546_15 Datasheet HTML 10Page - Analog Devices AD5546_15 Datasheet HTML 11Page - Analog Devices AD5546_15 Datasheet HTML 12Page - Analog Devices AD5546_15 Datasheet HTML 13Page - Analog Devices AD5546_15 Datasheet HTML 14Page - Analog Devices AD5546_15 Datasheet HTML 15Page - Analog Devices AD5546_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5546/AD5556
Data Sheet
Rev. D | Page 12 of 20
APPLICATIONS INFORMATION
UNIPOLAR MODE
Two-Quadrant Multiplying Mode, VOUT = 0 V to –VREF
The AD5546/AD5556 DAC architecture uses a current-steering
R-2R ladder design that requires an external reference and op
amp to convert the unipolar mode of output voltage to
AD5546
VOUT = –VREF × D/65,536
(1)
AD5556
VOUT = –VREF × D/16,384
(2)
where D is the decimal equivalent of the input code.
The output voltage polarity is opposite to the VREF polarity in
this case (see Figure 19). Table 8 shows the negative output vs.
code for the AD5546.
Table 8. AD5546 Unipolar Mode Negative Output vs. Code
D in Binary
VOUT (V)
1111 1111 1111 1111
–VREF(65,535/65,536)
1000 0000 0000 0000
–VREF/2
0000 0000 0000 0001
–VREF(1/65,536)
0000 0000 0000 0000
0
Two-Quadrant Multiplying Mode, VOUT = 0 V to +VREF
The AD5546/AD5556 are designed to operate with either
positive or negative reference voltages. As a result, positive
output can be achieved with an additional op amp, (see
Figure 20), and the output becomes
AD5546
VOUT = +VREF × D/65,536
(3)
AD5556
VOUT = +VREF × D/16,384
(4)
Table 9 shows the positive output vs. code for the AD5546.
Table 9. AD5546 Unipolar Mode Positive Output vs. Code
D in Binary
VOUT (V)
1111 1111 1111 1111
+VREF(65,535/65,536)
1000 0000 0000 0000
+VREF/2
0000 0000 0000 0001
+VREF(1/65,536)
0000 0000 0000 0000
0
2
+5V
5
4
GND
VIN
TRIM
U3
ADR03
VOUT
VDD
R1
ROFS
ROFS
VOUT
–2.5V TO 0V
RFB
RFB
C6
2.2pF
GND
U1
AD5546/AD5556
IOUT
R2
C4
0.1µF
C5
1µF
RCOM
R1
16-/14-BIT
DATA
16-/14-BIT
DATA
REF
U2
AD8628
+
–5V
WR
WR
LDAC
LDAC
RS
RS
MSB
MSB
C2
0.1µF
C1
1µF
C3
0.1µF
V+
V–
Figure 19. Unipolar Two-Quadrant Multiplying Mode, VOUT = 0 to –VREF


Similar Part No. - AD5546_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5546BRU AD-AD5546BRU Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5546BRU-REEL7 AD-AD5546BRU-REEL7 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
More results

Similar Description - AD5546_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com