Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN87C51FB Datasheet(PDF) 4 Page - Intel Corporation

Part # BN87C51FB
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C51FB Datasheet(HTML) 4 Page - Intel Corporation

  BN87C51FB Datasheet HTML 1Page - Intel Corporation BN87C51FB Datasheet HTML 2Page - Intel Corporation BN87C51FB Datasheet HTML 3Page - Intel Corporation BN87C51FB Datasheet HTML 4Page - Intel Corporation BN87C51FB Datasheet HTML 5Page - Intel Corporation BN87C51FB Datasheet HTML 6Page - Intel Corporation BN87C51FB Datasheet HTML 7Page - Intel Corporation BN87C51FB Datasheet HTML 8Page - Intel Corporation BN87C51FB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
Port 0 is also the multiplexed low-order address and
data bus during accesses to external Program and
Data Memory In this application it uses strong inter-
nal pullups when emitting 1’s and can source and
sink several LS TTL inputs
Port 0 also receives the code bytes during EPROM
programming and outputs the code bytes during
program verification External pullup resistors are re-
quired during program verification
Port 1
Port 1 is an 8-bit bidirectional IO port with
internal pullups The Port 1 output buffers can drive
LS TTL inputs Port 1 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 1
pins that are externally pulled low will source current
(IIL on the data sheet) because of the internal pull-
ups
In addition Port 1 serves the functions of the follow-
ing special features of the 87C51FBFC
Port Pin
Alternate Function
P10
T2 (External Count Input to
TimerCounter 2)
P11
T2EX (TimerCounter 2 Capture
Reload Trigger and Direction Control)
P12
ECI (External Count Input to the PCA)
P13
CEX0 (External IO for Compare
Capture Module 0)
P14
CEX1 (External IO for Compare
Capture Module 1)
P15
CEX2 (External IO for Compare
Capture Module 2)
P16
CEX3 (External IO for Compare
Capture Module 3)
P17
CEX4 (External IO for Compare
Capture Module 4)
Port 1 receives the low-order address bytes during
EPROM programming and verifying
Port 2
Port 2 is an 8-bit bidirectional IO port with
internal pullups The Port 2 output buffers can drive
LS TTL inputs Port 2 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 2
pins that are externally pulled low will source current
(IIL on the data sheet) because of the internal pull-
ups
PACKAGES
Part
Prefix
Package Type
87C51FAFBFC
P
40-Pin Plastic DIP
N
44-Pin PLCC
DIP
270961 – 3
PAD (PLCC)
270961 – 4
EPROM only
Do not connect reserved pins
Diagrams are for pin reference only Package sizes are
not to scale
Figure 3 Pin Connections (Top View)
4


Similar Part No. - BN87C51FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C54 INTEL-BN87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
BN87C54-20 INTEL-BN87C54-20 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
More results

Similar Description - BN87C51FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com