Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN87C51FB Datasheet(PDF) 18 Page - Intel Corporation

Part # BN87C51FB
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C51FB Datasheet(HTML) 18 Page - Intel Corporation

Back Button BN87C51FB Datasheet HTML 10Page - Intel Corporation BN87C51FB Datasheet HTML 11Page - Intel Corporation BN87C51FB Datasheet HTML 12Page - Intel Corporation BN87C51FB Datasheet HTML 13Page - Intel Corporation BN87C51FB Datasheet HTML 14Page - Intel Corporation BN87C51FB Datasheet HTML 15Page - Intel Corporation BN87C51FB Datasheet HTML 16Page - Intel Corporation BN87C51FB Datasheet HTML 17Page - Intel Corporation BN87C51FB Datasheet HTML 18Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
DATA SHEET REVISION HISTORY
The following are key differences between this data sheet and the -002 revision of the data sheet
1 The data sheet has been revised from the 87C51FB87C51FC to the 87C51FA87C51FB87C51FC
87C51FC-20 and includes the 20 MHz 87C51FC
2 RST pin in Figure 3 has been changed to RESET pin
3 Reference to Application Note AP-486 was added on page 5
4 The ICC specification has been corrected in the DC Characteristics section
5 The 20 MHz ICC max values have been added
6 20 MHz 87C51FC timings information were added to the External Program Memory Characteristics table
DATA SHEET REVISION HISTORY
The following are key differences between this data sheet and the -001 version of the data sheet
1 ‘‘NC’’ pin labels changed to ‘‘Reserved’’ in Figure 3
2 Capacitor value for ceramic resonators deleted in Figure 4
3 Replaced A0 – A15 with P10 – P17 P20 – P25 (EPROM programming and verification waveforms)
4 Replaced D0 – D7 with P0 (EPROM programming and verification waveforms)
5 Combined the 87C51FB and 87C51FC data sheets
The following are the key differences between the previous 87C51FB data sheet versions and this new data
sheet (rev-001)
1 The data sheet has been revised from a 83C51FB87C51FB to an 87C51FB data sheet only
2 The data sheet has been revised to specify AC and DC parameters to VCC e 5V g20% instead of VCC e
5V g10%
3 The 87C51FB is now offered in a 35 MHz – 20 MHz version
4 The RST description has been modified to clarify the reset operation when the oscillator is not running
5 Figure 4 (Oscillator Connections) has been changed for Ceramic Resonators
6 A description of RFI Reduction Mode has been added
7 VOH1 IIL ITL and ICC DC Characteristics have been revised
8 Note 1 of the DC Characteristics has been clarified
9 The External Clock Drive diagram has been modified to include 16 MHz and 20 MHz device types
10 The Float Waveforms diagram has been revised for greater clarity
11 Table 4 EPROM Programming Modes has been modified included logic levels for P33 and three pro-
gram lock bits
12 The Encryption Array section now states that six address lines are used to select a byte from the Encryp-
tion Array instead of five
13 The IPP specification in the EPROM Programming and Verification Characteristics has been increased to
75 mA
18


Similar Part No. - BN87C51FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C54 INTEL-BN87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
BN87C54-20 INTEL-BN87C54-20 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
More results

Similar Description - BN87C51FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com