Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN87C51FB Datasheet(PDF) 15 Page - Intel Corporation

Part # BN87C51FB
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C51FB Datasheet(HTML) 15 Page - Intel Corporation

Back Button BN87C51FB Datasheet HTML 10Page - Intel Corporation BN87C51FB Datasheet HTML 11Page - Intel Corporation BN87C51FB Datasheet HTML 12Page - Intel Corporation BN87C51FB Datasheet HTML 13Page - Intel Corporation BN87C51FB Datasheet HTML 14Page - Intel Corporation BN87C51FB Datasheet HTML 15Page - Intel Corporation BN87C51FB Datasheet HTML 16Page - Intel Corporation BN87C51FB Datasheet HTML 17Page - Intel Corporation BN87C51FB Datasheet HTML 18Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
270961 – 19
See Table 2 for proper input on these pins
Figure 11 Programming the EPROM
PROGRAMMING ALGORITHM
Refer to Table 3 and Figures 11 and 12 for address
data and control signals set up To program the
87C51FAFBFC the following sequence must be
exercised
1 Input the valid address on the address lines
2 Input the appropriate data byte on the data lines
3 Activate the correct combination of control sig-
nals
4 Raise EA VPP from VCC to 1275V g025V
5 Pulse ALEPROG 5 times for the EPROM array
and 25 times for the encryption table and the lock
bits
Repeat 1 through 5 changing the address and data
for the entire array or until the end of the object file is
reached
PROGRAM VERIFY
Program verify may be done after each byte or block
of bytes is programmed In either case a complete
verify of the programmed array will ensure reliable
programming of the 87C51FAFBFC
The lock bits cannot be directly verified Verification
of the lock bits is done by observing that their fea-
tures are enabled Refer to the EPROM Program
Lock section in this data sheet
270961 – 20
5 Pulses
Figure 12 Programming Signal’s Waveforms
15


Similar Part No. - BN87C51FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C54 INTEL-BN87C54 Datasheet
290Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
BN87C54-20 INTEL-BN87C54-20 Datasheet
290Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
More results

Similar Description - BN87C51FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com