Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN87C51FB Datasheet(PDF) 11 Page - Intel Corporation

Part # BN87C51FB
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C51FB Datasheet(HTML) 11 Page - Intel Corporation

Back Button BN87C51FB Datasheet HTML 7Page - Intel Corporation BN87C51FB Datasheet HTML 8Page - Intel Corporation BN87C51FB Datasheet HTML 9Page - Intel Corporation BN87C51FB Datasheet HTML 10Page - Intel Corporation BN87C51FB Datasheet HTML 11Page - Intel Corporation BN87C51FB Datasheet HTML 12Page - Intel Corporation BN87C51FB Datasheet HTML 13Page - Intel Corporation BN87C51FB Datasheet HTML 14Page - Intel Corporation BN87C51FB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
AC CHARACTERISTICS (TA eb40 Cto a125 C VCC e 5V g 20% VSS e 0V Load Capaci-
tance for Port 0 ALEPROG and PSEN e 100 pF Load Capacitance for All Other Outputs e 80 pF)
(Continued)
ADVANCED INFORMATIONCONTACT INTEL FOR DESIGN-IN INFORMATION
EXTERNAL PROGRAM MEMORY CHARACTERISTICS (Continued)
Symbol
Parameter
12 MHz
Variable Oscillator
Units
Oscillator
Min
Max
87C51FAFBFC 87C51FC-20
Min
Max
TRLDV
RD Low to Valid Data In
252
5TCLCL b 165
ns
5TCLCL b 95
TRHDX
Data Hold After RD High
0
0
ns
TRHDZ
Data Float After RD High
107
2TCLCL b 60
ns
TLLDV
ALE Low to Valid Data In
517
8TCLCL b 150
ns
8TCLCL b 90
TAVDV
Address Valid to Valid Data In
585
9TCLCL b 165
ns
9TCLCL b 90
TLLWL
ALE Low to RD or WR Low
200
300
3TCLCL b 50
3TCLCL a 50
ns
TAVWL
Address Valid to WR Low
203
4TCLCL b 130
ns
4TCLCL b90
TQVWX
Data Valid before WR Low
33
TCLCL b 50
ns
TCLCL b 35
TWHQX
Data Hold after WR High
33
TCLCL b 50
ns
TCLCL b 40
TQVWH
Data Valid to WR High
433
7TCLCL b 150
ns
7TCLCL b 70
TRLAZ
RD Low to Address Float
0
0
ns
TWHLH
RD or WR High to ALE High
43
123
TCLCL b 40
TCLCL a 40
ns
NOTE
Timings specified for the 87C51FC-20 are valid at 20 MHz only For timing information below 20 MHz use the 87C51FA
FBFC timings
11


Similar Part No. - BN87C51FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C54 INTEL-BN87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
BN87C54-20 INTEL-BN87C54-20 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
More results

Similar Description - BN87C51FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com