Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN87C54 Datasheet(PDF) 15 Page - Intel Corporation

Part # BN87C54
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C54 Datasheet(HTML) 15 Page - Intel Corporation

Back Button BN87C54 Datasheet HTML 11Page - Intel Corporation BN87C54 Datasheet HTML 12Page - Intel Corporation BN87C54 Datasheet HTML 13Page - Intel Corporation BN87C54 Datasheet HTML 14Page - Intel Corporation BN87C54 Datasheet HTML 15Page - Intel Corporation BN87C54 Datasheet HTML 16Page - Intel Corporation BN87C54 Datasheet HTML 17Page - Intel Corporation BN87C54 Datasheet HTML 18Page - Intel Corporation BN87C54 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AUTOMOTIVE 87C5487C54-20
Normally EA VPP is held at logic high until just be-
fore ALEPROG is to be pulsed Then EA VPP is
raised to VPP ALEPROG is pulsed low and then
EA VPP is returned to a valid high voltage The volt-
age on the EA VPP pin must be at the valid EA VPP
high level before a verify is attempted Waveforms
and detailed timing specifications are shown in later
sections of this data sheet
Note that the EA VPP pin must not be allowed to go
above the maximum specified VPP level for any
amount of time Even a narrow glitch above that volt-
age level can cause permanent damage to the de-
vice The VPP source should be well regulated and
free of glitches
270849 – 19
See Table 3 for proper input on these pins
Figure 11 Programming the EPROM
Quick Pulse Programming Algorithm
The 87C54 can be programmed using the Quick
Pulse Programming Algorithm for microcontrollers
The features of the new programming method are a
lower VPP (1275V as compared to 21V) and a short-
er programming pulse It is possible to program the
entire 16K bytes of EPROM memory in less than 50
seconds with this algorithm
To program the part using the new algorithm VPP
must be 1275V g025V ALEPROG is pulsed low
for 100 ms 25 times as shown in Figure 12 Then
the byte just programmed may be verified After pro-
gramming the entire array should be verified The
Program Lock features are programmed using the
same method but with the setup as shown in Table
3 The only difference in programming Program Lock
features is that the Program Lock features cannot be
directly verified Instead verification of programming
is by observing that their features are enabled
Program Verification
If the Program Lock Bits have not been pro-
grammed the on-chip Program Memory can be read
out for verification purposes if desired either during
or after the programming operation The address of
the Program Memory location to be read is applied
to Port 1 and pins P20 – P25 The other pins should
be held at the ‘‘Verify’’ levels indicated in Table 3
The contents of the addressed locations will come
out on Port 0 External pullups are required on Port 0
for this operation
If the Encryption Array in the EPROM has been pro-
grammed the data present at Port 0 will be Code
Data XNOR Encryption Data The user must know
the Encryption Array contents to manually ‘‘unen-
crypt’’ the data during verify
The setup which is shown in Figure 13 is the same
as for programming the EPROM except that pin P27
is held at a logic low or may be used as an active
low read strobe
15


Similar Part No. - BN87C54

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C51FA INTEL-BN87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FB INTEL-BN87C51FB Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC INTEL-BN87C51FC Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC-20 INTEL-BN87C51FC-20 Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - BN87C54

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M87C51FB INTEL-M87C51FB Datasheet
229Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
M87C51FC INTEL-M87C51FC Datasheet
257Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com