Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN87C54 Datasheet(PDF) 13 Page - Intel Corporation

Part # BN87C54
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C54 Datasheet(HTML) 13 Page - Intel Corporation

Back Button BN87C54 Datasheet HTML 9Page - Intel Corporation BN87C54 Datasheet HTML 10Page - Intel Corporation BN87C54 Datasheet HTML 11Page - Intel Corporation BN87C54 Datasheet HTML 12Page - Intel Corporation BN87C54 Datasheet HTML 13Page - Intel Corporation BN87C54 Datasheet HTML 14Page - Intel Corporation BN87C54 Datasheet HTML 15Page - Intel Corporation BN87C54 Datasheet HTML 16Page - Intel Corporation BN87C54 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AUTOMOTIVE 87C5487C54-20
SERIAL PORT TIMINGSHIFT REGISTER MODE
Test Conditions TA eb40 Cto a125 C VCC e 5V g 20% VSS e 0V Load Capacitance e 80 pF
Symbol
Parameter
12 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
TXLXL
Serial Port Clock Cycle Time
1
12TCLCL
m
s
TQVXH
Output Data Setup to Clock
700
10TCLCLb133
ns
Rising Edge
TXHQX
Output Data Hold after
50
2TCLCLb117
ns
Clock Rising Edge
TXHDX
Input Data Hold After Clock
0
0
ns
Rising Edge
TXHDV
Clock Rising Edge to Input
700
10TCLCLb133
ns
Data Valid
SHIFT REGISTER MODE TIMING WAVEFORMS
270849 – 15
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TCLCL
Oscillator Frequency
87C54
35
1620
MHz
TCHCX
High Time
20
ns
TCLCX
Low Time
20
ns
TCLCH
Rise Time
20
ns
TCHCL
Fall Time
20
ns
EXTERNAL CLOCK DRIVE WAVEFORMS
270849 – 16
13


Similar Part No. - BN87C54

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C51FA INTEL-BN87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FB INTEL-BN87C51FB Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC INTEL-BN87C51FC Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC-20 INTEL-BN87C51FC-20 Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - BN87C54

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M87C51FB INTEL-M87C51FB Datasheet
229Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
M87C51FC INTEL-M87C51FC Datasheet
257Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com