Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN87C54 Datasheet(PDF) 11 Page - Intel Corporation

Part # BN87C54
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C54 Datasheet(HTML) 11 Page - Intel Corporation

Back Button BN87C54 Datasheet HTML 7Page - Intel Corporation BN87C54 Datasheet HTML 8Page - Intel Corporation BN87C54 Datasheet HTML 9Page - Intel Corporation BN87C54 Datasheet HTML 10Page - Intel Corporation BN87C54 Datasheet HTML 11Page - Intel Corporation BN87C54 Datasheet HTML 12Page - Intel Corporation BN87C54 Datasheet HTML 13Page - Intel Corporation BN87C54 Datasheet HTML 14Page - Intel Corporation BN87C54 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AUTOMOTIVE 87C5487C54-20
EXTERNAL MEMORY CHARACTERISTICS (Continued)
12 MHz Oscillator
Variable Oscillator
Symbol
Parameter
87C5487C54-20
Units
Min
Max
Min
Max
TRLRH
RD Pulse Width
400
6 TCLCL b 100
ns
TWLWH
WR Pulse Width
400
6 TCLCL b 100
ns
TRLDV
RD Low to Valid
252
5 TCLCL b 165
ns
Data In
5TCLCL 95
TRHDX
Data Hold After RD
00
ns
High
TRHDZ
Data Float After RD
107
2 TCLCL b 60
ns
High
TLLDV
ALE Low to Valid
517
8 TCLCL b 150
ns
Data In
8TCLCL b 90
TAVDV
Address Valid to
585
9 TCLCL b 165
ns
Valid Data In
9TCLCL b 90
TLLWL
ALE Low to RD or
200
300
3 TCLCL b 50
3 TCLCL a 50
ns
WR Low
TAVWL
Address Valid to
203
4 TCLCL b 130
ns
WR Low
4TCLCL b 90
TQVWX
Data Valid before
33
TCLCL b 50
ns
WR Low
TCLCL b 35
TWHQX
Data Hold after WR
33
TCLCL b 50
ns
High
TCLCL b 40
TQVWH
Data Valid to WR
433
7 TCLCL b 150
ns
High
7TCLCL b 70
TRLAZ
RD Low to Address
0
0
ns
Float
TWHLH
RD or WR High to
43
123
TCLCL b 40
TCLCL a 40
ns
ALE High
NOTE
Timings speicified for the 87C54-20 are valid at 20 MHz only For timings below 20 MHz use the 87C54 timings
11


Similar Part No. - BN87C54

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C51FA INTEL-BN87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FB INTEL-BN87C51FB Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC INTEL-BN87C51FC Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC-20 INTEL-BN87C51FC-20 Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - BN87C54

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M87C51FB INTEL-M87C51FB Datasheet
229Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
M87C51FC INTEL-M87C51FC Datasheet
257Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com