Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN87C54 Datasheet(PDF) 1 Page - Intel Corporation

Part # BN87C54
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C54 Datasheet(HTML) 1 Page - Intel Corporation

  BN87C54 Datasheet HTML 1Page - Intel Corporation BN87C54 Datasheet HTML 2Page - Intel Corporation BN87C54 Datasheet HTML 3Page - Intel Corporation BN87C54 Datasheet HTML 4Page - Intel Corporation BN87C54 Datasheet HTML 5Page - Intel Corporation BN87C54 Datasheet HTML 6Page - Intel Corporation BN87C54 Datasheet HTML 7Page - Intel Corporation BN87C54 Datasheet HTML 8Page - Intel Corporation BN87C54 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
February 1994
COPYRIGHT
INTEL CORPORATION 1995
Order Number 270849-004
87C5487C54-20
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
WITH 16 KBYTES USER PROGRAMMABLE EPROM
Automotive
Y
Extended Automotive Temperature
Range (b40 Cto a125 C Ambient)
Y
High Performance CHMOS EPROM
Y
Three 16-Bit TimerCounters
Y
One-to-Three Level ProgramData Lock
System
Y
16K On-Chip EPROMROM
Y
256 Bytes of On-Chip Data RAM
Y
Quick Pulse Programming Algorithm
Y
Boolean Processor
Y
32 Programmable IO Lines
Y
7 Interrupt Sources
Y
Programmable Serial Channel with
Framing Error Detection
Automatic Address Recognition
Y
TTL and CMOS Compatible Logic
Levels
Y
64K External Program Memory Space
Y
64K External Data Memory Space
Y
MCS -51 Compatible Instruction Set
Y
Power Saving Idle and Power Down
Modes
Y
ONCE (On-Circuit Emulation) Mode
Y
RFI Reduction Mode
Y
Available in 12 MHz 16 MHz and
20 MHz Versions
Y
Available in PLCC and DIP Packages
(See Packaging Spec Order
231369)
MEMORY ORGANIZATION
PROGRAM MEMORY Up to 16 Kbytes of the program memory can reside in the on-chip EPROM The device
can also address up to 64K of program memory external to the chip
DATA MEMORY This microcontroller has a 256 x 8 on-chip RAM In addition it can address up to 64 Kbytes of
external data memory
The Intel 87C54 is a single-chip control-oriented microcontroller which is fabricated on Intel’s reliable
CHMOS EPROM technology Being a member of the MCS-51 family the 87C54 uses the same powerful
instruction set has the same architecture and is pin-for-pin compatible with the existing MCS-51 family of
products The 87C54 is an enhanced version of the 87C51FB Its added features of 16 Kbytes of program
memory make it an even more powerful microcontroller for applications that require High Speed IO and
updown counting capabilities such as brake and traction control


Similar Part No. - BN87C54

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C51FA INTEL-BN87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FB INTEL-BN87C51FB Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC INTEL-BN87C51FC Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
BN87C51FC-20 INTEL-BN87C51FC-20 Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - BN87C54

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M87C51FB INTEL-M87C51FB Datasheet
229Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
M87C51FC INTEL-M87C51FC Datasheet
257Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com