Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C186EC20 Datasheet(PDF) 56 Page - Intel Corporation

Part # S80C186EC20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C186EC20 Datasheet(HTML) 56 Page - Intel Corporation

Back Button S80C186EC20 Datasheet HTML 49Page - Intel Corporation S80C186EC20 Datasheet HTML 50Page - Intel Corporation S80C186EC20 Datasheet HTML 51Page - Intel Corporation S80C186EC20 Datasheet HTML 52Page - Intel Corporation S80C186EC20 Datasheet HTML 53Page - Intel Corporation S80C186EC20 Datasheet HTML 54Page - Intel Corporation S80C186EC20 Datasheet HTML 55Page - Intel Corporation S80C186EC20 Datasheet HTML 56Page - Intel Corporation S80C186EC20 Datasheet HTML 57Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
80C186EC188EC 80L186EC188EC
INSTRUCTION SET SUMMARY (Continued)
80C186EC
80C188EC
Function
Format
Clock
Clock
Comments
Cycles
Cycles
PROCESSOR CONTROL
CLC e
Clear carry
11111000
2
2
CMC e
Complement carry
11110101
2
2
STC e
Set carry
11111001
2
2
CLD e
Clear direction
11111100
2
2
STD e
Set direction
11111101
2
2
CLI e
Clear interrupt
11111010
2
2
STI e
Set interrupt
11111011
2
2
HLT e
Halt
11110100
2
2
WAIT e
Wait
10011011
6
6
if TEST e 0
LOCK e
Bus lock prefix
11110000
2
2
NOP e
No Operation
10010000
3
3
(TTT LLL are opcode to processor extension)
Shaded areas indicate instructions not available in 80868088 microsystems
NOTE
Clock cycles shown for byte transfers for word operations add 4 clock cycles for all memory transfers
The Effective Address (EA) of the memory operand
is computed according to the mod and rm fields
if mod e 11 then rm is treated as a REG field
if mod e 00 then DISP e 0
disp-low and disp-
high are absent
if mod e 01 then DISP e disp-low sign-extended
to 16-bits disp-high is absent
if mod e 10 then DISP e disp-high disp-low
if rm e 000 then EA e (BX) a (SI) a DISP
if rm e 001 then EA e (BX) a (DI) a DISP
if rm e 010 then EA e (BP) a (SI) a DISP
if rm e 011 then EA e (BP) a (DI) a DISP
if rm e 100 then EA e (SI) a DISP
if rm e 101 then EA e (DI) a DISP
if rm e 110 then EA e (BP) a DISP
if rm e 111 then EA e (BX) a DISP
DISP follows 2nd byte of instruction (before data if
required)
except if mod e 00 and rm e 110 then EA e
disp-high disp-low
EA calculation time is 4 clock cycles for all modes
and is included in the execution times given whenev-
er appropriate
Segment Override Prefix
0
0
1
reg
1
1
0
reg is assigned according to the following
Segment
reg
Register
00
ES
01
CS
10
SS
11
DS
REG is assigned according to the following table
16-Bit (w e 1)
8-Bit (w e 0)
000 AX
000 AL
001 CX
001 CL
010 DX
010 DL
011 BX
011 BL
100 SP
100 AH
101 BP
101 CH
110 SI
110 DH
111 DI
111 BH
The physical addresses of all operands addressed
by the BP register are computed using the SS seg-
ment register The physical addresses of the desti-
nation operands of the string primitive operations
(those addressed by the DI register) are computed
using the ES segment which may not be overridden
56


Similar Part No. - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C186EA20 INTEL-S80C186EA20 Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
S80C186EB13 INTEL-S80C186EB13 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
logo
Intel Corporation
S80C186EB20 INTEL-S80C186EB20 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com