Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C186EC20 Datasheet(PDF) 50 Page - Intel Corporation

Part # S80C186EC20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C186EC20 Datasheet(HTML) 50 Page - Intel Corporation

Back Button S80C186EC20 Datasheet HTML 46Page - Intel Corporation S80C186EC20 Datasheet HTML 47Page - Intel Corporation S80C186EC20 Datasheet HTML 48Page - Intel Corporation S80C186EC20 Datasheet HTML 49Page - Intel Corporation S80C186EC20 Datasheet HTML 50Page - Intel Corporation S80C186EC20 Datasheet HTML 51Page - Intel Corporation S80C186EC20 Datasheet HTML 52Page - Intel Corporation S80C186EC20 Datasheet HTML 53Page - Intel Corporation S80C186EC20 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
80C186EC188EC 80L186EC188EC
80C186EC80C188EC EXECUTION
TIMINGS
A determination of program execution timing must
consider the bus cycles necessary to prefetch in-
structions as well as the number of execution unit
cycles necessary to execute instructions The fol-
lowing instruction timings represent the minimum
execution time in clock cycles for each instruction
The timings given are based on the following as-
sumptions
 The opcode along with any data or displacement
required for execution of a particular instruction
has been prefetched and resides in the queue at
the time it is needed
 No wait states or bus HOLDs occur
 All word-data is located on even-address bound-
aries (80C186EC only)
All jumps and calls include the time required to fetch
the opcode of the next instruction at the destination
address
All instructions which involve memory accesses can
require one or two additional clocks above the mini-
mum timings shown due to the asynchronous hand-
shake between the bus interface unit (BIU) and exe-
cution unit
With a 16-bit BIU the 80C186EC has sufficient bus
performance to ensure that an adequate number of
prefetched bytes will reside in the queue (6 bytes)
most of the time Therefore actual program execu-
tion time will not be substantially greater than that
derived from adding the instruction timings shown
The 80C188EC 8-bit BIU is limited in its performance
relative to the execution unit A sufficient number of
prefetched bytes may not reside in the prefetch
queue (4 bytes) much of the time Therefore actual
program execution time will be substantially greater
than that derived from adding the instruction timings
shown
50


Similar Part No. - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C186EA20 INTEL-S80C186EA20 Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
S80C186EB13 INTEL-S80C186EB13 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
logo
Intel Corporation
S80C186EB20 INTEL-S80C186EB20 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com