Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C186EC20 Datasheet(PDF) 36 Page - Intel Corporation

Part # S80C186EC20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C186EC20 Datasheet(HTML) 36 Page - Intel Corporation

Back Button S80C186EC20 Datasheet HTML 32Page - Intel Corporation S80C186EC20 Datasheet HTML 33Page - Intel Corporation S80C186EC20 Datasheet HTML 34Page - Intel Corporation S80C186EC20 Datasheet HTML 35Page - Intel Corporation S80C186EC20 Datasheet HTML 36Page - Intel Corporation S80C186EC20 Datasheet HTML 37Page - Intel Corporation S80C186EC20 Datasheet HTML 38Page - Intel Corporation S80C186EC20 Datasheet HTML 39Page - Intel Corporation S80C186EC20 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
80C186EC188EC 80L186EC188EC
Relative Timings (80C186EC-252013 80L186EC-1613)
NOTES
1 Assumes equal loading on both pins
2 Can be extended using wait states
3 Interrupt resolution time is the delay between an unmasked interrupt request going active and the interrupt output of the
8259A module going active This is not directly measureable by the user For interrupt pin INT7 the delay from an active
signal to an active input to the CPU would actually be twice the TIRES value since the signal must pass through two 8259A
modules
4 See INTA Cycle Waveforms for definition
5 To guarantee interrupt is not spurious
Serial Port Mode 0 Timings (80C186EC-252013 80L186EC-1613)
Symbol
Parameter
Min
Max
Unit
Notes
RELATIVE TIMINGS
TXLXL
TXD Clock Period
T (n a 1)
ns
1 2
TXLXH
TXD Clock Low to Clock High (N l 1)
2T b 35
2T a 35
ns
1
TXLXH
TXD Clock Low to Clock High (N e 1)
T b 35
T a 35
ns
1
TXHXL
TXD Clock High to Clock Low (N l 1)
(n b 1) T b 35
(n b 1) T a 35
ns
1 2
TXHXL
TXD Clock High to Clock Low (N e 1)
T b 35
T a 35
ns
1
TQVXH
RXD Output Data Setup to TXD
(n b 1)T b 35
ns
1 2
Clock High (N l 1)
TQVXH
RXD Output Data Setup to TXD
T b 35
ns
1
Clock High (N e 1)
TXHQX
RXD Output Data Hold after TXD
2T b 35
ns
1
Clock High (N l 1)
TXHQX
RXD Output Data Hold after TXD
T b 35
ns
1
Clock High (N e 1)
TXHQZ
RXD Output Data Float after Last
T a 20
ns
1
TXD Clock High
TDVXH
RXD Input Data Setup to TXD
T a 20
ns
1
Clock High
TXHDX
RXD Input Data Setup after TXD
0
ns
1
Clock High
NOTES
1 See Figure 13 for Waveforms
2 n is the value in the BxCMP register ignoring the ICLK bit
36


Similar Part No. - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C186EA20 INTEL-S80C186EA20 Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
S80C186EB13 INTEL-S80C186EB13 Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
logo
Intel Corporation
S80C186EB20 INTEL-S80C186EB20 Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com