Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C186EC20 Datasheet(PDF) 26 Page - Intel Corporation

Part # S80C186EC20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C186EC20 Datasheet(HTML) 26 Page - Intel Corporation

Back Button S80C186EC20 Datasheet HTML 22Page - Intel Corporation S80C186EC20 Datasheet HTML 23Page - Intel Corporation S80C186EC20 Datasheet HTML 24Page - Intel Corporation S80C186EC20 Datasheet HTML 25Page - Intel Corporation S80C186EC20 Datasheet HTML 26Page - Intel Corporation S80C186EC20 Datasheet HTML 27Page - Intel Corporation S80C186EC20 Datasheet HTML 28Page - Intel Corporation S80C186EC20 Datasheet HTML 29Page - Intel Corporation S80C186EC20 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
80C186EC188EC 80L186EC188EC
DC SPECIFICATIONS (80C186EC80C188EC)
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
45
55
V
VIL
Input Low Voltage
b
05
03 VCC
V
VIH
Input High Voltage
07 VCC
VCC a 05
V
VOL
Output Low Voltage
045
V
IOL e 3 mA (Min)
VOH
Output High Voltage
VCC b 05
V
IOH eb2 mA (Min)
VHYR
Input Hysteresis on RESIN
05
V
ILI
Input Leakage Current for Pins
g
15
m
A0 s VIN s VCC
AD150 (AD70 A158) READY
HOLD RESIN
CLKIN TEST BUSY NMI INT70
T0IN T1IN P27 – P20 P35 – P30
DRQ30 PEREQ ERROR
ILIU
Input Leakage for Pins with Pullups
b
0275
b
5mA
VIN e 07 VCC
Active During Reset
(Note 1)
A1916 LOCK
ILO
Output Leakage for Floated Output
g
15
m
A
045 s VOUT s VCC
Pins
(Note 2)
ICC
Supply Current Cold (in RESET)
80C186EC25
125
mA
(Notes 3 7)
80C186EC20
100
mA
(Note 3)
80C186EC13
70
mA
(Note 3)
IID
Supply Current in Idle Mode
80C186EC25
92
mA
(Notes 4 7)
80C186EC20
76
mA
(Note 4)
80C186EC13
50
mA
(Note 4)
IPD
Supply Current in Powerdown Mode
80C186EC25
100
m
A
(Notes 5 7)
80C186EC20
100
m
A
(Note 5)
80C186EC13
100
m
A
(Note 5)
CIN
Input Pin Capacitance
0
15
pF
TF e 1 MHz
COUT
Output Pin Capacitance
0
15
pF
TF e 1 MHz (Note 6)
NOTES
1 These pins have an internal pull-up device that is active while RESIN is low and ONCE Mode is not active Sourcing more
current than specified (on any of these pins) may invoke a factory test mode
2 Tested by outputs being floated by invoking ONCE Mode or by asserting HOLD
3 Measured with the device in RESET and at worst case frequency VCC and temperature with ALL outputs loaded as
specified in AC Test Conditions and all floating outputs driven to VCC or GND
4 Measured with the device in HALT (IDLE Mode active) and at worst case frequency VCC and temperature with ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
5 Measured with the device in HALT (Powerdown Mode active) and at worst case frequency VCC and temperature with
ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
6 Output Capacitance is the capacitive load of a floating output pin
7 Operating conditions for 25 MHz is 0 Cto a70 C VCC e 50 g10%
26


Similar Part No. - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C186EA20 INTEL-S80C186EA20 Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
S80C186EB13 INTEL-S80C186EB13 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
logo
Intel Corporation
S80C186EB20 INTEL-S80C186EB20 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com