Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C186EC20 Datasheet(PDF) 25 Page - Intel Corporation

Part # S80C186EC20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C186EC20 Datasheet(HTML) 25 Page - Intel Corporation

Back Button S80C186EC20 Datasheet HTML 21Page - Intel Corporation S80C186EC20 Datasheet HTML 22Page - Intel Corporation S80C186EC20 Datasheet HTML 23Page - Intel Corporation S80C186EC20 Datasheet HTML 24Page - Intel Corporation S80C186EC20 Datasheet HTML 25Page - Intel Corporation S80C186EC20 Datasheet HTML 26Page - Intel Corporation S80C186EC20 Datasheet HTML 27Page - Intel Corporation S80C186EC20 Datasheet HTML 28Page - Intel Corporation S80C186EC20 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
80C186EC188EC 80L186EC188EC
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Storage Temperature
b
65 Cto a150 C
Case Temperature Under Bias
b
65 Cto a100 C
Supply Voltage
with Respect to VSS
b
05V to a65V
Voltage on Other Pins
with Respect to VSS
b
05V to VCC a 05V
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
Recommended Connections
Power and ground connections must be made to
multiple VCC and VSS pins Every 80C186EC-based
circuit board should include separate power (VCC)
and ground (VSS) planes Every VCC pin must be
connected to the power plane and every VSS pin
must be connected to the ground plane Liberal de-
coupling capacitance should be placed near the
processor The processor can cause transient pow-
er surges when its output buffers transition particu-
larly when connected to large capacitive loads
Low inductance capacitors and interconnects are
recommended for best high frequency electrical per-
formance Inductance is reduced by placing the de-
coupling capacitors as close as possible to the proc-
essor VCC and VSS package pins
Always connect any unused input to an appropriate
signal level In particular unused interrupt inputs
(NMI INT07) should be connected to VSS through a
pull-down resistor Leave any unused output pin un-
connected
25


Similar Part No. - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C186EA20 INTEL-S80C186EA20 Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
S80C186EB13 INTEL-S80C186EB13 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
logo
Intel Corporation
S80C186EB20 INTEL-S80C186EB20 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com