Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C186EC20 Datasheet(PDF) 12 Page - Intel Corporation

Part # S80C186EC20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C186EC20 Datasheet(HTML) 12 Page - Intel Corporation

Back Button S80C186EC20 Datasheet HTML 8Page - Intel Corporation S80C186EC20 Datasheet HTML 9Page - Intel Corporation S80C186EC20 Datasheet HTML 10Page - Intel Corporation S80C186EC20 Datasheet HTML 11Page - Intel Corporation S80C186EC20 Datasheet HTML 12Page - Intel Corporation S80C186EC20 Datasheet HTML 13Page - Intel Corporation S80C186EC20 Datasheet HTML 14Page - Intel Corporation S80C186EC20 Datasheet HTML 15Page - Intel Corporation S80C186EC20 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
80C186EC188EC 80L186EC188EC
Table 2 Pin Descriptions
(Continued)
Pin Name
Pin
Input
Output
Pin Description
Type
Type
States
RD
O
H(Z)
ReaD
output signals that the accessed memory or IO
device should drive data information onto the data bus
R(Z)
I(1)
P(1)
WR
O
H(Z)
WRite
output signals that data available on the data bus are
to be written into the accessed memory or IO device
R(Z)
I(1)
P(1)
READY
I
A(L)
READY
input to signal the completion of a bus cycle READY
must be active to terminate any 80C186EC bus cycle unless
S(L)
it is ignored by correctly programming the Chip-Select unit
(Note 1)
DEN
O
H(Z)
Data ENable
output to control the enable of bi-directional
transceivers in a buffered system DEN is active only when
R(Z)
data is to be transferred on the bus
I(1)
P(1)
DTR
O
H(Z)
Data TransmitReceive
output controls the direction of a bi-
directional buffer in a buffered system
R(Z)
I(X)
P(X)
LOCK
IO
A(L)
H(Z)
LOCK
output indicates that the bus cycle in progress is not
interruptable The processor will not service other bus
R(Z)
requests (such as HOLD) while LOCK is active This pin is
I(X)
configured as a weakly held high input while RESIN is active
P(X)
and must not be driven low
HOLD
I
A(L)
HOLD
request input to signal that an external bus master
wishes to gain control of the local bus The processor will
relinquish control of the local bus between instruction
boundaries that are not LOCKed
HLDA
O
H(1)
HoLD Acknowledge
output to indicate that the processor
has relinquished control of the local bus When HLDA is
R(0)
asserted the processor will (or has) floated its data bus and
I(0)
control signals allowing another bus master to drive the
P(0)
signals directly
NCS
O
H(1)
Numerics Coprocessor Select
output is generated when
acessing a numerics coprocessor This signal does not exist
R(1)
on the 80C188EC80L188EC
I(1)
P(1)
ERROR
I
A(L)
ERROR
input that indicates the last numerics processor
extension operation resulted in an exception condition An
interrupt TYPE 16 is generated if ERROR is sampled active
at the beginning of a numerics operation Systems not using
an 80C187 must tie ERROR to VCC This signal does not
exist on the 80C188EC80L188EC
NOTE
Pin names in parentheses apply to the 80C188EC80L188EC
12


Similar Part No. - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C186EA20 INTEL-S80C186EA20 Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
S80C186EB13 INTEL-S80C186EB13 Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
logo
Intel Corporation
S80C186EB20 INTEL-S80C186EB20 Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com