Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C186EC20 Datasheet(PDF) 11 Page - Intel Corporation

Part # S80C186EC20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C186EC20 Datasheet(HTML) 11 Page - Intel Corporation

Back Button S80C186EC20 Datasheet HTML 7Page - Intel Corporation S80C186EC20 Datasheet HTML 8Page - Intel Corporation S80C186EC20 Datasheet HTML 9Page - Intel Corporation S80C186EC20 Datasheet HTML 10Page - Intel Corporation S80C186EC20 Datasheet HTML 11Page - Intel Corporation S80C186EC20 Datasheet HTML 12Page - Intel Corporation S80C186EC20 Datasheet HTML 13Page - Intel Corporation S80C186EC20 Datasheet HTML 14Page - Intel Corporation S80C186EC20 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
80C186EC188EC 80L186EC188EC
Table 2 Pin Descriptions
(Continued)
Pin Name
Pin
Input
Output
Pin Description
Type
Type
States
A18S5
IO
A(L)
H(Z)
These pins drive address information during the address
phase of the bus cycle During T2 and T3 these pins drive
A17S4
R(WH)
status information (which is always 0 on the 80C186EC)
A16S3
I(0)
These pins are used as inputs during factory test driving
(A158)
P(0)
these pins low during reset will cause unspecified operation
On the 80C188EC A158 provide valid address information
for the entire bus cycle
AD15CAS2
IO
S(L)
H(Z)
These pins are part of the multiplexed ADDRESS and DATA
bus During the address phase of the bus cycle address bits
AD14CAS1
R(Z)
15 through 13 are presented on these pins and can be
AD13CAS0
I(0)
latched using ALE Data information is transferred during the
P(0)
data phase of the bus cycle Pins AD1513CAS20 drive the
82C59 slave address information during interrupt
acknowledge cycles
AD120
IO
S(L)
H(Z)
These pins provide a multiplexed ADDRESS and DATA bus
During the address phase of the bus cycle address bits 0
(AD70)
R(Z)
through 12 (0 through 7 on the 80C188EC) are presented on
I(0)
the bus and can be latched using ALE Data information is
P(0)
transferred during the data phase of the bus cycle
S20
O
H(Z)
Bus cycle Status are encoded on these pins to provide bus
transaction information S20 are encoded as follows
R(1)
I(1)
P(1)
S2
S1
S0
Bus Cycle Initiated
0
0
0
Interrupt Acknowledge
0
0
1
Read IO
0
1
0
Write IO
0
1
1
Processor HALT
1
0
0
Instruction Queue Fetch
1
0
1
Read Memory
1
1
0
Write Memory
1
1
1
Passive (No bus activity)
ALE
O
H(0)
Address Latch Enable
output is used to strobe address
information into a transparent type latch during the address
R(0)
phase of the bus cycle
I(0)
P(0)
BHE
O
H(Z)
Byte High Enable
output to indicate that the bus cycle in
progress is transferring data over the upper half of the data
(RFSH)
R(Z)
bus BHE and A0 have the following logical encoding
I(1)
P(1)
A0
BHE
Encoding
(for 80C186EC
80L186EC only)
0
0
Word transfer
0
1
Even Byte transfer
1
0
Odd Byte transfer
1
1
Refresh operation
On the 80C188EC80L188EC RFSH is asserted low to
indicate a refresh bus cycle
NOTE
Pin names in parentheses apply to the 80C188EC80L188EC
11


Similar Part No. - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C186EA20 INTEL-S80C186EA20 Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
S80C186EB13 INTEL-S80C186EB13 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
InnovASIC, Inc
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
S80C186EB13 INNOVASIC-S80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
logo
Intel Corporation
S80C186EB20 INTEL-S80C186EB20 Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - S80C186EC20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com