Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L188EC16 Datasheet(PDF) 24 Page - Intel Corporation

Part # S80L188EC16
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80L188EC16 Datasheet(HTML) 24 Page - Intel Corporation

Back Button S80L188EC16 Datasheet HTML 20Page - Intel Corporation S80L188EC16 Datasheet HTML 21Page - Intel Corporation S80L188EC16 Datasheet HTML 22Page - Intel Corporation S80L188EC16 Datasheet HTML 23Page - Intel Corporation S80L188EC16 Datasheet HTML 24Page - Intel Corporation S80L188EC16 Datasheet HTML 25Page - Intel Corporation S80L188EC16 Datasheet HTML 26Page - Intel Corporation S80L188EC16 Datasheet HTML 27Page - Intel Corporation S80L188EC16 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
80C186EC188EC 80L186EC188EC
Package Thermal Specifications
The 80C186EC80L186EC is specified for operation
when TC (the case temperature) is within the range
of b40 Cto a100 C TC may be measured in any
environment to determine whether the processor is
within the specified operating range The case tem-
perature must be measured at the center of the top
surface
TA (the ambient temperature) can be calculated
from iCA (thermal resistance from the case to ambi-
ent) with the following equation
TA e TC b P
iCA
Typical values for iCA at various airflows are given
in Table 9 P (the maximum power consumption
specified in Watts) is calculated by using the maxi-
mum ICC and VCC of 55V
Table 9 Thermal Resistance (iCA) at Various Airflows (in CWatt)
Airflow in ftmin (msec)
0
200
400
600
800
1000
(0)
(101)
(203)
(304)
(406)
(507)
iCA (PQFP)
270
220
180
150
140
135
iCA (QFP)
645
555
510
TBD
TBD
TBD
iCA (SQFP)
620
TBD
TBD
TBD
TBD
TBD
24


Similar Part No. - S80L188EC16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80L188EB13 INTEL-S80L188EB13 Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
S80L188EB16 INTEL-S80L188EB16 Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
S80L188EB8 INTEL-S80L188EB8 Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - S80L188EC16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com