Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5310 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5310
Description  2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5310 Datasheet(HTML) 3 Page - Analog Devices

  AD5310_15 Datasheet HTML 1Page - Analog Devices AD5310_15 Datasheet HTML 2Page - Analog Devices AD5310_15 Datasheet HTML 3Page - Analog Devices AD5310_15 Datasheet HTML 4Page - Analog Devices AD5310_15 Datasheet HTML 5Page - Analog Devices AD5310_15 Datasheet HTML 6Page - Analog Devices AD5310_15 Datasheet HTML 7Page - Analog Devices AD5310_15 Datasheet HTML 8Page - Analog Devices AD5310_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD5310
Rev. B | Page 3 of 16
SPECIFICATIONS
VDD = 2.7 V to 5.5 V; temperature range = −40°C to +105°C RL = 2 kΩ to GND; CL = 500 pF to GND; all specifications TMIN to TMAX unless
otherwise noted
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution
10
Bits
Relative Accuracy
±4
LSB
See Figure 5
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic by design (see Figure 6)
Zero Code Error
5
40
mV
All 0s loaded to DAC register (see Figure 9)
Full-Scale Error
−0.15
−1.25
% of FSR
All 1s loaded to DAC register (see Figure 9)
Gain Error
±1.25
% of FSR
Zero Code Error Drift
−20
µV/°C
Gain Temperature Coefficient
−5
ppm of FSR/°C
OUTPUT CHARACTERISTICS2
Output Voltage Range
0
VDD
V
Output Voltage Settling Time
6
8
µs
¼ scale to ¾ scale change (100 hex to 300 hex)
Slew Rate
1
V/µs
RL = 2 kΩ; 0 pF < CL < 500 pF (see Figure 19)
Capacitive Load Stability
470
pF
RL = ∞
1000
pF
RL = 2 kΩ
Digital-to-Analog Glitch Impulse
20
nV-s
1 LSB change around major carry (see Figure 22)
Digital Feedthrough
0.5
nV-s
DC Output Impedance
1
Ω
Short-Circuit Current
50
mA
VDD = 5 V
20
mA
VDD = 3 V
Power-Up Time
2.5
µs
Coming out of power-down mode, VDD = 5 V
5
µs
Coming out of power-down mode, VDD = 3 V
LOGIC INPUTS2
Input Current
±1
µA
VINL, Input Low Voltage
0.8
V
VDD = 5 V
VINL, Input Low Voltage
0.6
V
VDD = 3 V
VINH, Input High Voltage
2.4
V
VDD = 5 V
VINH, Input High Voltage
2.1
V
VDD = 3 V
Pin Capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (Normal Mode)
DAC active and excluding load current
VDD = 4.5 V to 5.5 V
140
250
µA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
115
200
µA
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 4.5 V to 5.5 V
0.2
1
µA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
0.05
1
µA
VIH = VDD and VIL = GND
Power Efficiency
IOUT/IDD
93
%
ILOAD = 2 mA, VDD = 5 V
1
Linearity calculated using a reduced code range of 12 to 1011. Output unloaded.
2
Guaranteed by design and characterization; not production tested.


Similar Part No. - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRM AD-AD5310BRM Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5310BRM AD-AD5310BRM Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRM-REEL AD-AD5310BRM-REEL Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ AD-AD5310BRMZ Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
More results

Similar Description - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com