Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5310 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5310
Description  2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5310 Datasheet(HTML) 1 Page - Analog Devices

  AD5310_15 Datasheet HTML 1Page - Analog Devices AD5310_15 Datasheet HTML 2Page - Analog Devices AD5310_15 Datasheet HTML 3Page - Analog Devices AD5310_15 Datasheet HTML 4Page - Analog Devices AD5310_15 Datasheet HTML 5Page - Analog Devices AD5310_15 Datasheet HTML 6Page - Analog Devices AD5310_15 Datasheet HTML 7Page - Analog Devices AD5310_15 Datasheet HTML 8Page - Analog Devices AD5310_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2.7 V to 5.5 V, 140 µA, Rail-to-Rail
Voltage Output 10-Bit DAC in a SOT-23
Data Sheet
AD5310
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Single 10-bit DAC
6-lead SOT-23 and 8-lead µSOIC packages
Micropower operation: 140 µA @ 5 V
Power-down to 200 nA @ 5 V, 50 nA @ 3 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Reference derived from power supply
Power-on reset to 0 V
Three power-down functions
Low power serial interface with Schmitt triggered inputs
On-chip output buffer amplifier, rail-to-rail operation
SYNC interrupt facility
Qualified for automotive applications
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD53101 is a single, 10-bit, buffered voltage output DAC
that operates from a single 2.7 V to 5.5 V supply, consuming
115 µA at 3 V. Its on-chip precision output amplifier allows
rail-to-rail output swing. The AD5310 utilizes a versatile 3-wire
serial interface that operates at clock rates of up to 30 MHz and
is compatible with standard SPI™, QSPI™, MICROWIRE®, and
DSP interface standards.
The reference for AD5310 is derived from the power supply inputs
and, therefore, provides the widest dynamic output range. The
part incorporates a power-on reset circuit that ensures that the
DAC output powers up to 0 V and remains there until a valid
write takes place to the device. The part contains a power-down
feature, which reduces the current consumption of the device to
200 nA at 5 V and provides software-selectable output loads while
in power-down mode. The part is put into power-down mode
over the serial interface.
The low power consumption of this part in normal operation
makes it ideally suited for portable, battery-operated equipment.
The power consumption is 0.7 mW at 5 V, reducing to 1 µW in
power-down mode.
The AD5310 is one of a family of pin-compatible DACs. The
AD5300 is the 8-bit version, and the AD5320 is the 12-bit version.
The AD5300/AD5310/AD5320 are available in 6-lead SOT-23
packages and 8-lead µSOIC packages.
PRODUCT HIGHLIGHTS
1. Available in 6-lead SOT-23 and 8-lead µSOIC packages.
2. Low power, single-supply operation. This part operates
from a single 2.7 V to 5.5 V supply and typically consumes
0.35 mW at 3 V and 0.7 mW at 5 V, making it ideal for
battery-powered applications.
3. The on-chip output buffer amplifier allows the output of
the DAC to swing rail-to-rail with a slew rate of 1 V/µs.
4. Reference derived from the power supply.
5. High speed serial interface with clock speeds of up to 30 MHz.
Designed for very low power consumption. The interface
only powers up during a write cycle.
6. Power-down capability. When powered down, the DAC
typically consumes 50 nA at 3 V and 200 nA at 5 V.
1
Patent pending; protected by U.S. Patent No. 5684481.


Similar Part No. - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRM AD-AD5310BRM Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5310BRM AD-AD5310BRM Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRM-REEL AD-AD5310BRM-REEL Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ AD-AD5310BRMZ Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
More results

Similar Description - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com