Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5310 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5310
Description  2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5310 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5310_15 Datasheet HTML 2Page - Analog Devices AD5310_15 Datasheet HTML 3Page - Analog Devices AD5310_15 Datasheet HTML 4Page - Analog Devices AD5310_15 Datasheet HTML 5Page - Analog Devices AD5310_15 Datasheet HTML 6Page - Analog Devices AD5310_15 Datasheet HTML 7Page - Analog Devices AD5310_15 Datasheet HTML 8Page - Analog Devices AD5310_15 Datasheet HTML 9Page - Analog Devices AD5310_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD5310
Data Sheet
Rev. B | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. SOT-23
Figure 4. µSOIC
Table 4. SOT-23 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Analog Output Voltage from DAC. The output amplifier has rail-to-rail operation.
2
GND
Ground Reference Point for All Circuitry on the Part.
3
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V, and VDD should be decoupled to GND.
4
DIN
Serial Data Input. This device has a 16-bit shift register. Data is clocked into the register on the falling edge of
the serial clock input.
5
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data
can be transferred at rates of up to 30 MHz.
6
SYNC
Level Triggered Control Input (Active Low). This is the frame synchronization signal for the input data.
When SYNC goes low, it enables the input shift register, and data is transferred in on the falling edges of the
following clocks. The DAC is updated following the 16th clock cycle unless SYNC is taken high before this edge,
in which case the rising edge of SYNC acts as an interrupt and the write sequence is ignored by the DAC.


Similar Part No. - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRM AD-AD5310BRM Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5310BRM AD-AD5310BRM Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRM-REEL AD-AD5310BRM-REEL Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ AD-AD5310BRMZ Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
More results

Similar Description - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com