Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5310 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5310
Description  2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5310 Datasheet(HTML) 5 Page - Analog Devices

  AD5310_15 Datasheet HTML 1Page - Analog Devices AD5310_15 Datasheet HTML 2Page - Analog Devices AD5310_15 Datasheet HTML 3Page - Analog Devices AD5310_15 Datasheet HTML 4Page - Analog Devices AD5310_15 Datasheet HTML 5Page - Analog Devices AD5310_15 Datasheet HTML 6Page - Analog Devices AD5310_15 Datasheet HTML 7Page - Analog Devices AD5310_15 Datasheet HTML 8Page - Analog Devices AD5310_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD5310
Rev. B | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
VOUT to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ Max)
+150°C
SOT-23 Package
Power Dissipation
(TJ max − TA)/θJA
θJA Thermal Impedance
240°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
µSOIC Package
Power Dissipation
(TJ max − TA)/θJA
θJA Thermal Impedance
206°C/W
θJC Thermal Impedance
44°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRM AD-AD5310BRM Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5310BRM AD-AD5310BRM Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRM-REEL AD-AD5310BRM-REEL Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ AD-AD5310BRMZ Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
More results

Similar Description - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com