Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5310 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5310
Description  2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5310 Datasheet(HTML) 4 Page - Analog Devices

  AD5310_15 Datasheet HTML 1Page - Analog Devices AD5310_15 Datasheet HTML 2Page - Analog Devices AD5310_15 Datasheet HTML 3Page - Analog Devices AD5310_15 Datasheet HTML 4Page - Analog Devices AD5310_15 Datasheet HTML 5Page - Analog Devices AD5310_15 Datasheet HTML 6Page - Analog Devices AD5310_15 Datasheet HTML 7Page - Analog Devices AD5310_15 Datasheet HTML 8Page - Analog Devices AD5310_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD5310
Data Sheet
Rev. B | Page 4 of 16
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX unless otherwise noted
Table 2.
Limit at TMIN, TMAX
Parameter1, 2
VDD = 2.7 V to 3.6 V
VDD = 3.6 V to 5.5 V
Unit
Test Conditions/Comments
t13
50
33
ns min
SCLK cycle time
t2
13
13
ns min
SCLK high time
t3
22.5
13
ns min
SCLK low time
t4
0
0
ns min
SYNC to SCLK rising edge setup time
t5
5
5
ns min
Data setup time
t6
4.5
4.5
ns min
Data hold time
t7
0
0
ns min
SCLK falling edge to SYNC rising edge
t8
50
33
ns min
Minimum SYNC high time
1
All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2
See Figure 2.
3
Maximum SCLK frequency is 30 MHz at VDD = 3.6 V to 5.5 V and 20 MHz at VDD = 2.7 V to 3.6 V.
Figure 2. Serial Write Operation


Similar Part No. - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRM AD-AD5310BRM Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5310BRM AD-AD5310BRM Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRM-REEL AD-AD5310BRM-REEL Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ AD-AD5310BRMZ Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
More results

Similar Description - AD5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com